전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST303S08PFK1 데이터시트(PDF) 9 Page - International Rectifier

부품명 ST303S08PFK1
상세설명  INVERTER GRADE THYRISTORS Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST303S08PFK1 데이터시트(HTML) 9 Page - International Rectifier

  ST303S08PFK1 Datasheet HTML 1Page - International Rectifier ST303S08PFK1 Datasheet HTML 2Page - International Rectifier ST303S08PFK1 Datasheet HTML 3Page - International Rectifier ST303S08PFK1 Datasheet HTML 4Page - International Rectifier ST303S08PFK1 Datasheet HTML 5Page - International Rectifier ST303S08PFK1 Datasheet HTML 6Page - International Rectifier ST303S08PFK1 Datasheet HTML 7Page - International Rectifier ST303S08PFK1 Datasheet HTML 8Page - International Rectifier ST303S08PFK1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ST303S Series
9
Bulletin I25173 rev. C 03/03
www.irf.com
Fig. 15 - Gate Characteristics
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a )
(1)
(2)
Instantaneous Gate Current (A)
Rec tangular gate pulse
a) Rec ommended load line for
b) Recommended load line for
<=30%rated di/ dt : 10V, 10ohms
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 20ms
(2) PGM = 20W, tp = 10ms
(3) PGM = 40W, tp = 5ms
(4) PGM = 60W, tp = 3.3ms
(3)
Device: ST303SSeries
(4)
Frequency Limited by PG(AV)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03 /03
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.


유사한 부품 번호 - ST303S08PFK1

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
ST303S NJSEMI-ST303S Datasheet
199Kb / 5P
   INVERTER GRADE THYRISTORS
logo
Vishay Siliconix
ST303S12PFK0P VISHAY-ST303S12PFK0P Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
More results

유사한 설명 - ST303S08PFK1

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com