전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA20-700C 데이터시트(PDF) 1 Page - Kersemi Electronic Co., Ltd.

부품명 BTA20-700C
상세설명  20A TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA20-700C 데이터시트(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  BTA20-700C Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA20-700C Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA20-700C Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA20-700C Datasheet HTML 4Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Table 1: Main Features
DESCRIPTION
The BTA20 BW/CW triac family are high perform-
ance glass passivated chips technology.
The snubberless concept offer suppression of RC
network and it is suitable for application such as
phase control and static switching on inductive or
resistive load.
Thanks to their clip assembly technique, they
provide a superior performance in surge current
handling capabilities.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (File ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
20
A
VDRM/VRRM
600 and 700
V
IGT (Q
1)
(max)
35 and 50
mA
20A TRIACS
Table 2: Order Codes
Part Numbers
Marking
BTA20-600BWRG
BTA20-600BW
BTA20-600CWRG
BTA20-600CW
BTA20-700BWRG
BTA20-700BW
BTA20-700CWRG
BTA20-700CW
A2
A1
G
TO-220AB Insulated
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 70°C
20
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 10 ms
210
A
F = 60 Hz
t = 8.3 ms
200
I²tI²t Value for fusing
tp = 10 ms
200
A²s
dI/dt
Critical rate of rise of on-state current
IG = 500 mA dIG/dt = 1 A/µs
Repetitive
F = 50 Hz
Tj = 125°C
20
A/µs
Non repetitive
100
VDSM/VRSM Non repetitive peak off-state voltage
tp = 10 ms
Tj = 25°C
VDSM/VRSM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
VGM
Peak positive gate voltage
tp = 20 µs
16
V
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
BTA20 Series
2014-6-10
1
www.kersemi.com


유사한 부품 번호 - BTA20-700C

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA20-700CW STMICROELECTRONICS-BTA20-700CW Datasheet
470Kb / 6P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700CW KERSEMI-BTA20-700CW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
Inchange Semiconductor ...
BTA20-700CW ISC-BTA20-700CW Datasheet
186Kb / 1P
   isc Triacs
logo
STMicroelectronics
BTA20-700CWRG STMICROELECTRONICS-BTA20-700CWRG Datasheet
83Kb / 6P
   20A TRIACS
More results

유사한 설명 - BTA20-700C

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
   20A TRIACS
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
   20A TRIACs
logo
STMicroelectronics
BTA20 STMICROELECTRONICS-BTA20 Datasheet
83Kb / 6P
   20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
   20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
   20A TRIACS
BTB20 UTC-BTB20 Datasheet
136Kb / 3P
   20A TRIACS
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
   TRIACs, 20A Sunbberless
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
   TRIACs 600V, 20A
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com