전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA24-800B 데이터시트(PDF) 2 Page - Kersemi Electronic Co., Ltd.

부품명 BTA24-800B
상세설명  Snuberrless and Standard 25 A Triacs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA24-800B 데이터시트(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  BTA24-800B Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. BTA24-800B Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
D2PAK /
TO-220AB
Tc = 100° C
25
A
RD91 /
TOP3 Ins.
Tc = 90° C
TO-220AB Ins.
Tc = 75° C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
250
A
F = 60 Hz
t = 16.7 ms
260
I²tI²t Value for fusing
tp = 10 ms
340
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25° C
VDSM/VRSM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
4
A
PG(AV)
Average gate power dissipation
Tj = 125° C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
Table 2.
Electrical characteristics (Tj = 25° C, unless otherwise specified), Snubberless™ and
Logic Level (3 quadrants) T25-G, BTA/BTB24...W, BTA25...W, BTA26...W
Symbol
Test Conditions
Quadrant
T25
BTA/BTB
Unit
T2535
CW
BW
IGT
(1)
VD = 12 V RL = 33 Ω
I - II - III
MAX.
35
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125° C
I - II - III
MIN.
0.2
V
IH
(2)
IT = 500 mA
MAX.
50
50
75
mA
IL
IG = 1.2 IGT
I - III
MAX.
70
70
80
mA
II
80
80
100
dV/dt (2)
VD = 67 %VDRM gate open
Tj = 125° C
MIN.
500
500
1000
V/µs
(dI/dt)c (2)
Without snubber
Tj = 125° C
MIN.
131322
A/ms
1.
minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1.
BTA24, BTB24, BTA25, BTA26
and T25 series
2014-6-16
www.kersemi.com
2


유사한 부품 번호 - BTA24-800B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BTA24-800B STMICROELECTRONICS-BTA24-800B Datasheet
137Kb / 12P
   25A TRIACS
logo
Inchange Semiconductor ...
BTA24-800B ISC-BTA24-800B Datasheet
193Kb / 1P
   isc Triacs
logo
First Silicon Co., Ltd
BTA24-800B FS-BTA24-800B Datasheet
658Kb / 5P
   Bi-Directional Triode Thyristor
logo
STMicroelectronics
BTA24-800BRG STMICROELECTRONICS-BTA24-800BRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA24-800BRG STMICROELECTRONICS-BTA24-800BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

유사한 설명 - BTA24-800B

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
BTA25-700B KERSEMI-BTA25-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-600BW KERSEMI-BTA25-600BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800CW KERSEMI-BTA26-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-600B KERSEMI-BTA26-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800B KERSEMI-BTA26-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTB24-800CW KERSEMI-BTB24-800CW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA25-800B KERSEMI-BTA25-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-800BW KERSEMI-BTA26-800BW Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
BTA26-700B KERSEMI-BTA26-700B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com