전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDV1470 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDV1470
상세설명  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV1470 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDV1470 Datasheet HTML 1Page - KEC(Korea Electronics) KDV1470 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM RADIO BAND TUNING APPLICATION.
FEATURES
High Capacitance Ratio : C1V/C5V=5.0(Min.)
Excellent C-V Characteristics.
Variations of Capacitance Values is Little.
Small Package.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
1. ANODE 1
2. ANODE 2
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
2
1
3
+
_
2002. 6. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV1470
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25
)
CLASSIFICATION OF CAPACITANCE RATIO GRADE
Grade
Type Name
Marking
Lot No.
S3
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=10 A
16
-
-
V
Reverse Current
IR
VR=10V
-
-
50
nA
Capacitance
C1V
VR=1V, f=1MHz
65.8
70
74.2
pF
C2V
VR=2V, f=1MHz
-
43
-
C3V
VR=3V, f=1MHz
-
24
-
C4.5V
VR=4.5V, f=1MHz
12.0
13.5
14.8
C5V
VR=5V, f=1MHz
-
12.5
-
Capacitance Ratio
K
C1V/C5V, f=1MHz
5.0
-
-
Series Resistance
rS
VR=1.5V, f=100MHz
-
0.43
0.5
GRADE
CAPACITANCE (C1V)
UNIT
A
65.80
69.25
pF
B
68.27
71.72
C
70.74
74.20
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
16
V
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150


유사한 부품 번호 - KDV1470

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDV147 KEC-KDV147 Datasheet
198Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(FM RADIO BAND TUNING
KDV1471 KEC-KDV1471 Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV1472 KEC-KDV1472 Datasheet
40Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(FM RADIO BAND TUNING)
More results

유사한 설명 - KDV1470

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDS2236M KEC-KDS2236M Datasheet
199Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV1471 KEC-KDV1471 Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV1430 KEC-KDV1430 Datasheet
207Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV348E KEC-KDV348E Datasheet
50Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV350E KEC-KDV350E Datasheet
65Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO)
KDV350 KEC-KDV350 Datasheet
67Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(VCO)
logo
Toshiba Semiconductor
1SV100 TOSHIBA-1SV100 Datasheet
116Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV153 TOSHIBA-1SV153 Datasheet
35Kb / 1P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1S2236 TOSHIBA-1S2236 Datasheet
55Kb / 2P
   SILICON EPITAXIAL PLANAR TYPE VARIABLE CAPACITANCE DIODE
1SV161 TOSHIBA-1SV161 Datasheet
38Kb / 1P
   Silicon Epitaxial Planar Type Variable Capacitance Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com