전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDV214E 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDV214E
상세설명  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV214E 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDV214E Datasheet HTML 1Page - KEC(Korea Electronics) KDV214E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 6. 14
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDV214E
Revision No : 2
TV TUNING.
FEATURES
・High Capacitance Ratio : C2V/C25V=6.5(Typ.)
・Low Series Resistance : rS=0.4Ω(Typ.)
・Excellent C-V Characteristics, and Small Tracking Error.
・Useful for Small Size Tuner.
MAXIMUM RATING (Ta=25℃)
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
VARIABLE CAPACITANCE DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
30
V
Peak Reverse Voltage
VRM
35 (RL=10kΩ)
V
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55~125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Voltage
VR
IR=1μA
30
-
-
V
Reverse Current
IR
VR=28V
-
-
10
nA
Capacitance
C2V
VR=2V, f=1MHz
14.16
-
16.25
pF
Capacitance
C25V
VR=25V, f=1MHz
2.11
-
2.43
pF
Capacitance Ratio
C2V/C25V
5.90
6.50
7.15
-
Series Resistance
rS
VR=5V, f=470MHz
-
0.4
0.55
Type Name
Marking
O
U
C(Max.)-C(Min.)
≦0.025
C(Min.)
(VR=2~25V)
Note : Available in matched group for capacitance to 2.5%.


유사한 부품 번호 - KDV214E

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDV214E KEC-KDV214E Datasheet
77Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV214EA KEC-KDV214EA Datasheet
49Kb / 1P
   ESC PACKAGE
KDV214EA KEC-KDV214EA_15 Datasheet
353Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV214E KEC-KDV214E_03 Datasheet
77Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV214E KEC-KDV214E_15 Datasheet
366Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
More results

유사한 설명 - KDV214E

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDV214 KEC-KDV214 Datasheet
358Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(TV TUNING)
KDV310E KEC-KDV310E Datasheet
388Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE TV Tuning
KDV269E KEC-KDV269E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262 KEC-KDV262 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV269 KEC-KDV269 Datasheet
73Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV262E KEC-KDV262E Datasheet
71Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
KDV287 KEC-KDV287 Datasheet
64Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
KDV1484E KEC-KDV1484E Datasheet
384Kb / 2P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE AUDIO SIGNAL TUNING
KDV287E KEC-KDV287E Datasheet
62Kb / 1P
   VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(UHF SHF TUNING)
logo
Toshiba Semiconductor
1SV290B TOSHIBA-1SV290B Datasheet
252Kb / 3P
   Variable Capacitance Diode Silicon Epitaxial Planar Type CATV Tuning
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com