전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3434 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 2SK3434
상세설명  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3434 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button 2SK3434_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3434_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet D14603EJ3V0DS
5
2SK3434
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
0
10
20
30
40
50
60
−50
0
50
100
150
VGS = 4.0 V
VGS = 10 V
Pulsed
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1000
10000
1
10
100
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
1
0.1
100
1000
10
100
tf
tr
td(on)
td(off)
VDD = 30 V
RG = 10
VGS = 10 V
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
ID - Drain Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1
10
100
1000
100
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
0
10
15
520
25
30
35
40
10
20
30
40
50
60
70
80
2
4
6
8
10
12
14
16
VGS
VDS
VDD = 48 V
30 V
12 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.0
0
1.5
VSD - Source to Drain Voltage - V
0.5
Pulsed
0.1
1.0
10
100
1000
VGS = 0 V
VGS = 10 V


유사한 부품 번호 - 2SK3434_15

제조업체부품명데이터시트상세설명
logo
NEC
2SK3434-S NEC-2SK3434-S Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3434-S ISC-2SK3434-S Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3434-S RENESAS-2SK3434-S Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3434-Z NEC-2SK3434-Z Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3434-Z ISC-2SK3434-Z Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK3434_15

제조업체부품명데이터시트상세설명
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com