전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDZ56EV 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDZ56EV
상세설명  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE(CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDZ56EV 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDZ56EV Datasheet HTML 1Page - KEC(Korea Electronics) KDZ56EV Datasheet HTML 2Page - KEC(Korea Electronics) KDZ56EV Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001. 2. 5
1/3
SEMICONDUCTOR
TECHNICAL DATA
KDZ2.0EV~24EV
Revision No : 1
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
Small Package : ESC
Nominal Voltage Tolerance About
6%.
MAXIMUM RATING (Ta=25 )
ESC
DIM
MILLIMETERS
A
B
C
D
E
1.60 0.10
1.20 0.10
0.80 0.10
0.30 0.05
0.60 0.10
D
C
1
2
E
1. ANODE
2. CATHODE
F
0.13 0.05
F
+_
+_
+_
+_
+_
+_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD *
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Example 1) 2.0V ~ 2.7V
Example : KDZ3.0EV
Example 2) 3.0V ~ 9.1V
Example 3) 10V ~ 24V
Example : KDZ10EV
2
KDZ2.0EV
2A
KDZ2.2EV
2B
KDZ2.4EV
2C
KDZ2.7EV
2D
30
10


유사한 부품 번호 - KDZ56EV

제조업체부품명데이터시트상세설명
logo
Rohm
KDZ56B ROHM-KDZ56B Datasheet
412Kb / 7P
   KDZ series
More results

유사한 설명 - KDZ56EV

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
Z02W20V KEC-Z02W20V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
KDZ70V KEC-KDZ70V Datasheet
27Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE CONSTANT VOLTAGE REGULATION APPLICATION
logo
Toshiba Semiconductor
1AZ330 TOSHIBA-1AZ330 Datasheet
181Kb / 3P
   ZENER DIODE ( CONSTANT VOLTAGE REGULATION)
logo
KEC(Korea Electronics)
KDZ93V KEC-KDZ93V Datasheet
27Kb / 1P
   ZENER DIODE CONSTANT VOLTAGE REGULATION APPLICATION
logo
Toshiba Semiconductor
02CZ2 TOSHIBA-02CZ2 Datasheet
413Kb / 7P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
logo
Rohm
DTZ-SERIES ROHM-DTZ-SERIES Datasheet
487Kb / 9P
   ZENER DIODE Voltage Regulation
Mar,6/95
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com