전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC2812D 데이터시트(PDF) 8 Page - M.S. Kennedy Corporation

부품명 DAC2812D
상세설명  Wave Solderable Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MSK [M.S. Kennedy Corporation]
홈페이지  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2812D 데이터시트(HTML) 8 Page - M.S. Kennedy Corporation

  DAC2812D_15 Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2812D_15 Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TYPICAL PERFORMANCE CURVES
8
DAC2815D
Rev. E
9/07
05
6
OUTPUT POWER, POUT (W)
10
11
12
13
14
15
16
LOW LINE DROP OUT
12
3
4
10K
90K
70K
20K
30K 40K50K
LINE TRANSIENT RESPONSE
EFFICIENCY CONTOURS
30
50
40
10
20
OUTPUT CURRENT, POUT (W)
5
12
3
4
SET POINT RESISTOR, RSP (Ω)
TIME, t (10msec/DIV)
12
16
20
24
28
TURN ON THRESHOLD
TURN ON RESPONSE
FREQUENCY, f (Hz)
–100
AUDIO REJECTION
0
–20
–40
1K
10K
100K
–60
–80
+15V
0V
0V
–15V
28V
+VOUT
–VOUT
VIN
TEMP = 25
°C
40%
55%
62%
50%
63%
65%
66%
EFFICIENCY CONTOURS
30
50
40
10
20
OUTPUT CURRENT, POUT (W)
5
12
3
4
TEMP =
125
°C
40%
50%
62%
52%
56%
59%
61%
EFFICIENCY CONTOURS
15
30
40
35
20
25
OUTPUT CURRENT, IOUT (A)
3.2
.8
1.6
2.4
4
TEMP =
–55
°C
40%
50%
55%
60%
64%
71%
66%
68%
70%
69%
TIME, t (100
µsec/DIV)
TIME, t (100
µsec/DIV)
– LOAD TRANSIENT RESPONSE
NO OUTPUT BUS CAPACITANCE
NO OUTPUT CAPACITANCE
INCLUDES 50
µF ON EACHOUTPUT
TIME, t (100
µsec/DIV)
LOAD TRANSIENT RESPONSE
288mA
–LOAD = 72mA
288mA
72mA
72mA
–VOUT
–VOUT
+VOUT
–VOUT
+VOUT
VIN
OUTPUT LOAD = 182mA
+LOAD
– LOAD
NO OUTPUT BUS CAPCITANCE
VIN = 28V
IOUT = 182mA
–VOUT
OUTPUT LOAD =182mA
+ LOAD = 72mA
OUTPUT POWER, POUT (W)
OUTPUT POWER, POUT (W)
OUTPUT POWER, POUT (W)


유사한 부품 번호 - DAC2812D_15

제조업체부품명데이터시트상세설명
logo
M.S. Kennedy Corporatio...
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
More results

유사한 설명 - DAC2812D_15

제조업체부품명데이터시트상세설명
logo
M.S. Kennedy Corporatio...
DAC2815S MSK-DAC2815S_15 Datasheet
484Kb / 9P
   Wave Solderable Package
logo
IXYS Corporation
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
   Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
   Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
   Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1906 IXYS-CPC1906 Datasheet
107Kb / 6P
   Machine Insertable, Wave Solderable
CPC1945Y IXYS-CPC1945Y Datasheet
102Kb / 6P
   Machine Insertable, Wave Solderable
CPC1963 IXYS-CPC1963 Datasheet
113Kb / 7P
   Machine Insertable, Wave Solderable
CPC1964BX6 IXYS-CPC1964BX6 Datasheet
117Kb / 6P
   Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com