전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA1218AN 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KIA1218AN
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO/VIDEO SWITCHING IC FOR TV)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1218AN 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KIA1218AN Datasheet HTML 1Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 2Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 3Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 4Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 5Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 6Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 7Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 8Page - KEC(Korea Electronics) KIA1218AN Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image


유사한 부품 번호 - KIA1218AN

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KIA1001H KODENSHI-KIA1001H Datasheet
136Kb / 3P
   Photo Interrupter
KIA1002H KODENSHI-KIA1002H Datasheet
137Kb / 3P
   Photo Interrupter
logo
KEC(Korea Electronics)
KIA1117API00 KEC-KIA1117API00 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API15 KEC-KIA1117API15 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA1117API18 KEC-KIA1117API18 Datasheet
73Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA1218AN

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
logo
KEC(Korea Electronics)
KIA6248K KEC-KIA6248K Datasheet
192Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (7.3W DUAL AUDIO POWER IC)
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
   VIDEO SWITCHING CIRCUIT FOR TV
logo
KEC(Korea Electronics)
KIA6043S KEC-KIA6043S Datasheet
148Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM STEREO MULTIPLEX FOR AUDIO)
KIA6924S KEC-KIA6924S Datasheet
295Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO MUTING SYSTEM)
KIA6213S KEC-KIA6213S Datasheet
638Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO POWER AMPLIFIER)
KIA8231L KEC-KIA8231L Datasheet
172Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (42W BTL X 2CH AUDIO POWER IC)
KIA2078P KEC-KIA2078P Datasheet
65Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (PRESET EZUALIZER IC)
KIA8182FN KEC-KIA8182FN Datasheet
180Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (TV/FM SYSTEM FRONT END)
KIA6010SN KEC-KIA6010SN Datasheet
263Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (FM NOISE CANCELLER FOR CAR AUDIO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com