전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1812 데이터시트(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 2SC1812
상세설명  NPN EPITAXIAL SILICON TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2SC1812 데이터시트(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2SC1812_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
AM/FM IF AMPLIFIER,LOCAL OSCILATOR
OF FM/VHF TUNER
High Current Gain Bandwidth
Product f =1100MHz
T
ABSOLUTE MAXIMUM RATINGS
(Ta=25 C)
o
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current
Collector Dissipation
Junction Temperature
Storage Temperature
Ta=25 C*
o
V
V
V
Ic
P
T
T
CBO
CEO
EBO
D
j
stg
30
15
5
50
225
150
-55~150
V
V
V
mA
mW
C
O
O
C
Characteristic
NPN EPITAXIAL SILICON TRANSISTOR
2 S C 1 8 1 2
Electrical Characteristics
(Ta=25 C)
o
Parameter
Symbol
Condition
Unit
MAX.
TYP.
MIN.
Emitter-Base Breakdown Voltage
-Base Cutoff Current
DC Current Gain
Collector-Emitter Saturation Voltage
Collector-Base Breakdown Voltage
Collector-Emitter Breakdown Voltage#
Collector
Emitter-Base Cutoff Current
Collector-Base Capacitance
Collector-Gain-Bandwidth Product
CEO
EBO
FE
CE(sat)
BV
I
V
Cob
BV
BV
I
f
CBO
EBO
CBO
T
H
I =100 A
I =1mA
I =100 A
C
C
E
I =0
I =0
I =0
V
=12V, V =0
V
=3V, I =0
V
=5V, I =1mA
I =10mA, I =1mA
V
=10V, I =10,f=1MHz
V
=5V, I =5mA
E
B
C
CB
E
CB
C
CB
C
C
B
CB
E
CE
C
V
V
V
nA
nA
30
15
5
28
50
50
300
0.5
1.7
V
*Total Device
Pulse Test: Pulse Width 300uS Duty cycle 2%
DEVICE MARKING:
2SC1812=J8
#
Dissipation:FR=1X0.75X0.062 in Board Derate 25 C
o
700
100
1.3
1100
PF
MHz
3
1
2
SOT-23
1.BASE
2.EMITTER
3.COLLECTOR
1.
1.3
2.4
Unit:mm
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - 2SC1812_15

제조업체부품명데이터시트상세설명
logo
SHENZHEN YONGERJIA INDU...
2SC1812 WINNERJOIN-2SC1812 Datasheet
99Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
More results

유사한 설명 - 2SC1812_15

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com