전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P00200110A 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 P00200110A
상세설명  Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 1-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P00200110A 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P00200110A Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P00200110A Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Universal AC Power Adapter Cord, 10A, 18AWG
(IEC-320-C14 to NEMA 5-15R), 1-ft.
MODEL NUMBER: P002-001-10A
Description
Tripp Lite makes your PC installation one step easier. This 1-ft. AC Power Adapter Cord allows you to plug a power cord with a NEMA 5-15P plug into the
IEC-320-C13 outlet of a PDU or UPS. Installation with convenience is the name of the game. Features a NEMA 5-15R receptacle with an IEC-320-C14 plug.
UL listed.
Features
1-ft. C14 to 5-15R power cord
Allows you to plug a power cord with a NEMA 5-15P plug into the IEC-320-C13 outlet of a PDU or UPS.
Frees up a wall outlet
18AWG SJT, 10A, 125V
UL listed
Specifications
INPUT
Cable Length (ft.)
1
Cable Length (m)
0.3
PHYSICAL
Color
Black
CONNECTIONS
Connector A
IEC-320-C14
Connector B
NEMA 5-15R
Highlights
1-ft. C14 to 5-15R power cord
Allows you to plug a power cord
with a NEMA 5-15P plug into the
IEC-320-C13 outlet of a PDU or
UPS.
Frees up a wall outlet
18AWG, SJT, 10A, 125V
UL Listed
Package Includes
1-ft. AC Power Adapter Cord -
PC Style (IEC-320-C14) plug to
AC Style (NEMA 5-15R)
receptacle
1 / 2


유사한 부품 번호 - P00200110A

제조업체부품명데이터시트상세설명
logo
E-SWITCH
P002001 E-SWITCH-P002001 Datasheet
110Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

유사한 설명 - P00200110A

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
P00200210A TRIPPLITE-P00200210A Datasheet
492Kb / 2P
   Universal AC Power Adapter Cord, 10A, 18AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
P002002 TRIPPLITE-P002002 Datasheet
470Kb / 2P
   Universal AC Power Adapter Cord, 13A, 16AWG (IEC-320-C14 to NEMA 5-15R), 2-ft
logo
List of Unclassifed Man...
P002-002-R ETC2-P002-002-R Datasheet
470Kb / 2P
   2-ft. Power Cord (IEC-320-C14 to NEMA 5-15R)
logo
Tripp Lite. All Rights ...
P006001 TRIPPLITE-P006001 Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 1-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P006004 TRIPPLITE-P006004 Datasheet
484Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 4-ft
P006006 TRIPPLITE-P006006 Datasheet
472Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 6-ft
P006010 TRIPPLITE-P006010 Datasheet
473Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 10-ft
P006020 TRIPPLITE-P006020 Datasheet
480Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 20-ft
P006015 TRIPPLITE-P006015 Datasheet
499Kb / 2P
   Universal Computer Power Cord, 10A, 18AWG (NEMA 5-15P to IEC-320-C13), 15-ft
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com