전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX54 데이터시트(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 BCX54
상세설명  PNP TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BCX54 데이터시트(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BCX54_15 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
BCX54
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.5
W (Tamb=25
℃)
Collector current
ICM:
1
A
Collector-base voltage
V(BR)CBO:
45
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100µA , IE=0
45
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 10mA , IB=0
45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10µA, IC=0
5
V
Collector cut-off current
ICBO
VCB=30V, IE=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V, IC=0
0.1
µA
hFE (1)
VCE=2V, IC= 150mA
63
63
100
250
160
250
hFE(2)
VCE=2V, IC= 5mA
40
DC current gain
BCX54
BCX54-10
BCX54-16
hFE(3)
VCE=2V, IC= 500mA
25
Collector-emitter saturation voltage
VCE(sat)
IC=500 mA, IB= 50mA
0.5
V
Base-emitter
voltage
VBE(ON)
IC= 500 mA, VCE=2V
1
V
Transition frequency
f T
VCE= 10V, IC= 50mA
f = 100MHz
130
MHz
DEVICE MARKING
BCX54=BA
BCX54-10=BC
BCX54-16=BD
SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
1
2
3
BCX54
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - BCX54_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54_15 Datasheet
721Kb / 2P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
BCX54 SECOS-BCX54_15 Datasheet
1Mb / 1P
   NPN Transistors
logo
Central Semiconductor C...
BCX54 CENTRAL-BCX54_15 Datasheet
290Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

유사한 설명 - BCX54_15

제조업체부품명데이터시트상세설명
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com