전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ625 데이터시트(PDF) 8 Page - Renesas Technology Corp

부품명 2SJ625
상세설명  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ625 데이터시트(HTML) 8 Page - Renesas Technology Corp

Back Button 2SJ625_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 9Page - Renesas Technology Corp 2SJ625_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet D15961EJ1V0DS
6
2SJ625
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
0
-2
-4
-6
0123
ID =
−3.0 A
VDD =
−16 V
−10 V
−4.0 V
QG - Gate Charge - nC


유사한 부품 번호 - 2SJ625_15

제조업체부품명데이터시트상세설명
logo
NEC
2SJ625 NEC-2SJ625 Datasheet
66Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ625 RENESAS-2SJ625 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results

유사한 설명 - 2SJ625_15

제조업체부품명데이터시트상세설명
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com