전자부품 데이터시트 검색엔진 |
|
KIA78D30F 데이터시트(PDF) 2 Page - KEC(Korea Electronics) |
|
KIA78D30F 데이터시트(HTML) 2 Page - KEC(Korea Electronics) |
2 / 4 page 2002. 9. 24 2/4 KIA78D25F~78D15F Revision No : 3 ELECTRICAL CHARACTERISTICS (Unless otherwise specified, IO=0.5A, Ta=25 , Note1.) CHARACTERISTIC SYMBOL CONDITIONS MIN. TYP. MAX. UNIT Output Voltage KIA78D25 VO - 2.438 2.50 2.562 V KIA78D30 - 2.925 3.00 3.075 KIA78D33 - 3.220 3.30 3.380 KIA78D35 - 3.413 3.50 3.587 KIA78D37 - 3.608 3.70 3.792 KIA78D05 - 4.88 5.0 5.12 KIA78D06 - 5.85 6.0 6.15 KIA78D08 - 7.80 8.0 8.2 KIA78D09 - 8.78 9.0 9.22 KIA78D10 - 9.75 10.0 10.25 KIA78D12 - 11.70 12.0 12.30 KIA78D15 - 14.70 15.0 15.30 Load Regulation Reg Load IO=5mA 1A - 0.1 2.0 % Line Regulation Reg Line (Note 2) - 0.5 2.5 % Ripple Rejection R R 45 55 - dB Drop Out Voltage VD (Note 3) - - 0.5 V Quiescent Current IQ IO=0 - - 10 mA Note1) VIN of KIA78D25=4.2V VIN of KIA78D06=8V Note2) VIN of KIA78D25=3.2 10V VIN of KIA78D06=7 15V " KIA78D30=4.7V " KIA78D08=10V " KIA78D30=3.7 10V " KIA78D08=9 25V " KIA78D33=5.0V " KIA78D09=15V " KIA78D33=4.0 10V " KIA78D09=10 25V " KIA78D35=5.2V " KIA78D10=16V " KIA78D35=4.2 10V " KIA78D10=11 26V " KIA78D37=5.4V " KIA78D12=18V " KIA78D37=4.4 10V " KIA78D12=13 29V " KIA78D05=7V " KIA78D15=21V " KIA78D05=6 12V " KIA78D15=16 32V Note3) At VIN=0.95VO BLOCK DIAGRAM OVER HEAT PROTECTION CONTROL OUTPUT ON/OFF ASO PROTECTION BANDGAP REFERENCE - + 1 3 2 Vo VIN GND |
유사한 부품 번호 - KIA78D30F |
|
유사한 설명 - KIA78D30F |