전자부품 데이터시트 검색엔진 |
|
KIA79M15PI 데이터시트(PDF) 6 Page - KEC(Korea Electronics) |
|
KIA79M15PI 데이터시트(HTML) 6 Page - KEC(Korea Electronics) |
6 / 9 page 2002. 9. 24 6/9 KIA79M05F/PI/T~79M15F/PI/T Revision No : 2 ELECTRICAL CHARACTERISTICS KIA79M15F/PI/T (unless otherwise specified : VIN=-23V, IOUT=350mA, CIN=0.33μ μ F, COUT=1μ μ F) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VO Tj=25 ℃ -14.4 -15 -15.6 V 5mA ≦I O≦350mA, -18V ≦V IN≦-30V -14.25 -15 -15.75 Line Regulation VReg Line -17.5V ≦V IN≦-30V, Tj=25℃ - 5 80 mV -18V ≦V IN≦-28V, Tj=25℃ -3 50 Load Regulation VReg Load 5mA ≦I O≦500mA, Tj=25℃ - 30 240 mV Quiescent Current IB Tj=25 ℃ -4 6 mA Quiescent Current Change ΔI B 5mA ≦I O≦350mA - - 0.4 mA -17.5V ≦V IN≦-30V - - 0.4 mA Output Noise Voltage VNO f=10Hz ~100kHz, Ta=25℃ -90- μV Ripple Rejection R ・R f=120Hz, -18V ≦V IN≦-30V 55 60 - dB Dropout Voltage VD IO=500mA, Tj=25℃ - 1.1 - V Short Circuit Current ISC Tj=25 ℃ - 800 - mA Output Voltage Drift ΔV O/ΔTIO=5mA, Tj=0~125℃ - -1.0 - mV/ ℃ |
유사한 부품 번호 - KIA79M15PI |
|
유사한 설명 - KIA79M15PI |