전자부품 데이터시트 검색엔진 |
|
KIA79M15PI 데이터시트(PDF) 7 Page - KEC(Korea Electronics) |
|
KIA79M15PI 데이터시트(HTML) 7 Page - KEC(Korea Electronics) |
7 / 9 page 2002. 9. 24 7/9 KIA79M05F/PI/T~79M15F/PI/T Revision No : 2 0.9 INPUT VOLTAGE (V) INPUT VOLTAGE 0 OUTPUT CURRENT (A) 20 0.1k 0.01k FREQUENCY (Hz) RIPPLE REJECTION 0.1K FREQUENCY (Hz) 0.01K 100K 1K 10K OUTPUT IMPEDANCE 1M OUTPUT CURRENT (A) 0.1 0.6 0.4 0.8 0.2 MINIMUM INPUT-OUTPUT 5 1015 202530 0.95 1.0 1.05 1.1 1.15 QUIESCENT CURRENT vs 0.1 0 0.2 0.3 0.4 0.5 0.8 0.9 1.0 1.1 1.2 OUTPUT VOLTAGE vs JUNCTION TEMPERATURE ( C) 0.990 -50 1.00 0.995 1.005 -25 1.01 0 25 50 75 100 125 150 0.990 0.995 1.00 1.005 1.01 TEMPERATURE V =-12V, -15V OUT V =-5V OUT 40 60 80 100 1k 10k 100k V =-12V OUT -15V V =-5V OUT V -V =5V IN OUT T =25 C j C =1 µF OUT SOLID TANTALUM 10 -2 -1 10 0 10 1 10 OUT C =5 µF ACUMINUM OUT C =1.0 µF SOLID TANTALUM C =10 µF OUT SOLID TANTALUM I =100mA OUT IN V - V =5V OUT j T =25 C 00.3 0.4 0.5 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 DIFFERENTIAL T =25 C j T =0 C j T =125 C j 35 40 1.2 1.25 1.3 T =25 C j T =125 C j LOAD CURRENT 1.3 1.4 j T =25 C T =0 C j T =125 C j |
유사한 부품 번호 - KIA79M15PI |
|
유사한 설명 - KIA79M15PI |