전자부품 데이터시트 검색엔진 |
|
KIA7025AP 데이터시트(PDF) 1 Page - KEC(Korea Electronics) |
|
KIA7025AP 데이터시트(HTML) 1 Page - KEC(Korea Electronics) |
1 / 4 page 2002. 12. 31 1/4 SEMICONDUCTOR TECHNICAL DATA Revision No : 2 VOLTAGE DETECTOR Function of this IC is accurately resetting the system after detecting voltage at the time of switching power on and instantaneous power off in various CPU systems and other logic systems. FEATURES Current Consumption is Low. ICCL=300 A Typ. ICCH=30 A Typ. Resetting Output Minimum Guarantee Voltage is Low 0.8V Typ. Hysteresis Voltage is Provided. 50mV Typ. Reset Signal Generation Starting Voltages : KIA7019 1.9V Typ. KIA7033 3.3V Typ. KIA7021 2.1V Typ. KIA7034 3.4V Typ. KIA7023 2.3V Typ. KIA7035 3.5V Typ. KIA7025 2.5V Typ. KIA7036 3.6V Typ. KIA7027 2.7V Typ. KIA7039 3.9V Typ. KIA7029 2.9V Typ. KIA7042 4.2V Typ. KIA7031 3.1V Typ. KIA7045 4.5V Typ. KIA7032 3.2V Typ. Taping Type is also Available. APPLICATIONS (1) As Control Circuit of Battery-Backed Memory. (2) As Measure Against Erroneous Operations at Power ON-OFF. (3) As Measure Against System Runaway at Instantaneous Break of Power Supply etc. (4) As Resetting Function for the CPU-Mounted Equipment, such as Personal Computers, Printers, VTRs and so forth. N 1.00 M 0.45 MAX N E C E F F H G K B 3 2 1 D 2.30 0.55 MAX 14.00 0.50 0.45 0.85 1.27 1.00 0.45 3.70 MAX 4.80 MAX 4.70 MAX L K J H G F D C B A MILLIMETERS DIM TO-92 + _ 1. VCC 2. GND 3. OUT DIM A B D E G H K 4.70 MAX 2.50 0.20 1.70 MAX 0.45+0.15/-0.10 4.25 MAX 1.50 0.10 0.40 TYP 1.75 MAX 0.75 MIN 0.5+0.10/-0.05 SOT-89 C J G D 12 3 2. GND A C K F MILLIMETERS H 1. VCC 3. OUT FF D + _ + _ KIA7019AP/AF/AT~ KIA7045AP/AF/AT BIPOLAR LINEAR INTEGRATED CIRCUIT VCC OUT GND + - EQUIVALENT CIRCUIT Type No. Marking Type No. Marking Type No. Marking KIA7019AF/AT 6A KIA7029AF/AT 6F KIA7035AF/AT 6L KIA7021AF/AT 6B KIA7031AF/AT 6G KIA7036AF/AT 6M KIA7023AF/AT 6C KIA7032AF/AT 6H KIA7039AF/AT 6N KIA7025AF/AT 6D KIA7033AF/AT 6J KIA7042AF/AT 6P KIA7027AF/AT 6E KIA7034AF/AT 6K KIA7045AF/AT 6R Marking DIM MILLIMETERS A B D E TSM 2.9 0.2 1.6+0.2/-0.1 0.70 0.05 0.4 0.1 2.8+0.2/-0.3 1.9 0.2 0.95 0.16 0.05 0.00-0.10 0.25+0.25/-0.15 C F G H I J K 0.60 L 0.55 K K B E H J J 2 1 3 2 1 3 + _ + _ + _ + _ + _ 1. VCC 2. OUT 3. GND |
유사한 부품 번호 - KIA7025AP |
|
유사한 설명 - KIA7025AP |