전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NPT35050A 데이터시트(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

부품명 NPT35050A
상세설명  65W RF Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT35050A 데이터시트(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button NPT35050A_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. NPT35050A_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NPT35050A
NDS-003 Rev.3, April 2013
NPT35050A
Page 8
W=68mil
L=720mil
C14
W=175mil
L=50mil
W=680mil
L=450mil
C12
W=550mil
L=210mil
C13
W=140mil
L=245mil
C15
W=140mil
L=205mil
W=68mil
L=50mil
W=68mil
L=440mil
W=68mil
L=390mil
W=100mil
L=500mil
W=100mil
L=500mil
C11
C17
C9
C6
C7
C8
R3
R2
C3
C4
C5
C10
R1
C1
C16
C2
IC1
P1
VGATE
V DRAIN
RF OUT
RF IN
Figure 15 - APP-NPT35050A-35 Demonstration Board Equivalent Circuit
Component
Value
ID
C1, C2, C3
10 uF
16V Ceramic X7R (1210)
C4, C7
0.01 uF
100V Ceramic X7R (1206)
C5, C8
0.10 uF
100V Ceramic X7R (1206)
C6, C9
1.0 uF
100V CeramicX7R (1812)
C10, C11, C12, C13
5.6 pF
ATC600F5R6CT
C14
1.0 pF
ATC600F1R0AT
C15
1.5 pF
ATC600F1R5AT
C16
150uF
16V, Aluminum Electrolytic - Nichicon (PW)
C17
270uF
63V, Aluminum Electrolytic - UCC (LXY)
R1
12k ohm
0603
R2
10 ohm
0805
R3
0.33 ohm
0805
P1
20k ohm
Potentiometer - Bourns (3224 series)
IC1
IC LT1964-BYP
Substrate
Taconic RF35
t=30mil, er=3.5, 1 oz. Cu
Table 1: APP-NPT35050A-35 Demonstration Board Bill of Materials


유사한 부품 번호 - NPT35050A_15

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
logo
List of Unclassifed Man...
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
More results

유사한 설명 - NPT35050A_15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
NPT35050A ETC2-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
logo
M/A-COM Technology Solu...
NPT35050A MA-COM-NPT35050A Datasheet
673Kb / 10P
   Gallium Nitride 28V, 65W RF Power Transistor
logo
Qorvo, Inc
QPD1015 QORVO-QPD1015 Datasheet
1Mb / 27P
   65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1015L QORVO-QPD1015L Datasheet
1Mb / 27P
   65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
logo
Mospec Semiconductor
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
   POWER TRANSISTORS(65W)
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
   POWER TRANSISTORS(65W)
logo
Nell Semiconductor Co.,...
TIP41 NELLSEMI-TIP41 Datasheet
257Kb / 5P
   Complementary Silicon Power Transistor 6A/40~100V/65W
logo
Mospec Semiconductor
BD243 MOSPEC-BD243 Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
FSP TECHNOLOGY INC.
FSP065-P24-A FSP-FSP065-P24-A Datasheet
458Kb / 3P
   65W ITE POWER SUPPLY
2022.05
logo
Advanced Semiconductor
AM0912-300 ASI-AM0912-300 Datasheet
36Kb / 2P
   RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com