전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIC7WZ86FK 데이터시트(PDF) 3 Page - KEC(Korea Electronics)

부품명 KIC7WZ86FK
상세설명  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT EXCLUSIVE OR GATE)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7WZ86FK 데이터시트(HTML) 3 Page - KEC(Korea Electronics)

  KIC7WZ86FK Datasheet HTML 1Page - KEC(Korea Electronics) KIC7WZ86FK Datasheet HTML 2Page - KEC(Korea Electronics) KIC7WZ86FK Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2002. 5. 13
3/3
KIC7WZ86FK
Revision No : 0
AC Characteristics (unless otherwise specified, Input : tr=tf=3ns)
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25℃
Ta=-40~85℃
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
Propagation delay time
tPLH
tPHL
CL=15pF, RL=1MΩ
1.8±0.15
2.0
6.7
12.5
2.0
13.0
ns
2.5±0.2
1.0
4.1
7.0
1.2
7.5
3.3±0.3
0.8
3.0
4.8
0.8
5.2
5.0±0.5
0.5
2.2
3.5
0.5
3.8
CL=50pF, RL=500Ω
3.3±0.3
1.2
3.8
5.4
1.2
5.9
ns
5.0±0.5
0.8
2.9
4.2
1.0
4.6
Input Capacitance
CIN
-
0~5.5
-
2.5
-
-
-
pF
Power Dissipation
Capacitance
CPD
(Note)
3.3
-
15
-
-
-
pF
5.5
-
19
-
-
-
Note : CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current
consumption (ICCD) at no output loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic
operating current by the exprssion : ICCD=CPD・VCC・fIN+ICC
OUTPUT
INPUT
INPUT
CCD
L
w
L
C
L
R
CC
V
CC
V
t =3ns
t =3ns
90%
50%
10%
VCC
GND
tPHL
tPLH
t w
tPLH
tPHL
INPUT
Out of Phase
OUTPUT
In Phase
OUTPUT
r
f
OH
V
VOL
VOL
VOH
50%
50%
50%
50%
A
C includes load and stray capacitance
FIGURE 1. AC Test Circuit
FIGURE 3. AC Waveforms
Input PRR=1.0MHz ; t =500ns
r f
Input=AC Waveform ; t =t =1.8ns
FIGURE 2. I
Test Circuit
PRR=10MHz ; Duty Cycle=50%
AC Loading and Waveforms


유사한 부품 번호 - KIC7WZ86FK

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7WZ00FK KEC-KIC7WZ00FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NAND GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ08FK KEC-KIC7WZ08FK Datasheet
78Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT AND GATE)
More results

유사한 설명 - KIC7WZ86FK

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIC7S86FU KEC-KIC7S86FU Datasheet
242Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)
KIC7SZ86FU KEC-KIC7SZ86FU Datasheet
468Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(EXCLUSIVE OR GATE)
logo
Toshiba Semiconductor
TC74ACT86P TOSHIBA-TC74ACT86P Datasheet
254Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
logo
KEC(Korea Electronics)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC74AC86F TOSHIBA-TC74AC86F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC74HC86AP TOSHIBA-TC74HC86AP_07 Datasheet
257Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Quad Exclusive OR Gate
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FC TOSHIBA-TC7WH32FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com