전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF3004G 데이터시트(PDF) 1 Page - Compact Technology Corp.

부품명 UF3004G
상세설명  ULTRA FAST GLASS PASSIVATED RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTC [Compact Technology Corp.]
홈페이지  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF3004G 데이터시트(HTML) 1 Page - Compact Technology Corp.

  UF3004G Datasheet HTML 1Page - Compact Technology Corp. UF3004G Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Test condition of TRR:IF=0.5A,IR=1.0A,IRR=0.25A..
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Ambient.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
UF3001G thru UF3007G
FEATURES
Glass passivated chip
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
Easily cleaned with Freon, Alcohol, Chlorothene and
similar solvents
Plastic material has UL flammabitily classification 94V-0
MECHANICAL DATA
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 0.04 ounces, 1.2 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
200
UF3003G
140
200
50
UF3001G
35
50
1000
UF3007G
700
1000
100
UF3002G
70
100
800
UF3006G
560
800
600
UF3005G
420
600
UF3004G
400
280
400
Maximum Average Forward
Rectified Current
@TA
=55 C
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load(JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 3.0A DC
3.0
125
1.0
Storage / Operatiing Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JA
25
C/W
CJ
Typical Junction Capacitance (Note 2)
30
pF
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =100 C
@TJ =25 C
5
100
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
50
ns
Maximum Reverse Recovery Time (Note 1)
TRR
TSTG ,TJ
1.3
1.7
75
15
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT -3.0 Amperes
ULTRA FAST
GLASS PASSIVATED RECTIFIERS
All Dimensions in millimeter
Max.
Min.
DO-201AD
Dim.
A
D
C
B
25.4
9.50
-
7.20
1.20
4.80
5.30
1.30
DO-201AD
A
C
D
A
B
CTC0109 Ver. 1.0
1 of 2
UF3001G thru UF3007G


유사한 부품 번호 - UF3004G

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
UF3004G CTC-UF3004G Datasheet
38Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
UF3004G HY-UF3004G Datasheet
426Kb / 3P
   High Efficiency Glass Passivated Rectifiers
More results

유사한 설명 - UF3004G

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
UF1001G CTC-UF1001G Datasheet
38Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF1001G CTC-UF1001G_15 Datasheet
54Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Lite-On Technology Corp...
UG1007 LITEON-UG1007 Datasheet
35Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
UF3001G CTC-UF3001G Datasheet
38Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
UF3001EG HY-UF3001EG Datasheet
433Kb / 3P
   Ultra Fast Glass Passivated Rectifiers
MUR405EG HY-MUR405EG_V01 Datasheet
415Kb / 3P
   Ultra Fast Glass Passivated Rectifiers
logo
Compact Technology Corp...
UF2001G CTC-UF2001G_15 Datasheet
53Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
GUS5A CTC-GUS5A Datasheet
203Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
MUR405EG HY-MUR405EG_17 Datasheet
137Kb / 3P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
UG06A TSC-UG06A_14 Datasheet
358Kb / 4P
   Glass Passivated Ultra Fast Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com