전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XX1007-QT 데이터시트(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

부품명 XX1007-QT
상세설명  Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

XX1007-QT 데이터시트(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  XX1007-QT_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. XX1007-QT_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. XX1007-QT_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. XX1007-QT_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. XX1007-QT_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. XX1007-QT_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Doubler
13.5-17.0/27.0-34.0 GHz
XX1007-QT
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Rev. V1
Typical Performance Curves
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Pout @ Fin
Pout @ 2 X Fin
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Pout @ Fin
Pout @ 2 X Fin
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Pout @ Fin
Pout @ 2 X Fin
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Pout @ Fin
Pout @ 2 X Fin
15
16
17
18
19
20
21
22
0
1
2
3
4
5
6
7
8
9
10
11
Pout
15
16
17
18
19
20
21
22
23
0
1
2
3
4
5
6
7
8
9
10
11
Pout @ 5V
Pout @ 4V


유사한 부품 번호 - XX1007-QT_15

제조업체부품명데이터시트상세설명
logo
Mimix Broadband
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
More results

유사한 설명 - XX1007-QT_15

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
RU0163 SSDI-RU0163 Datasheet
221Kb / 2P
   DOUBLER
logo
M/A-COM Technology Solu...
XX1007-QT MA-COM-XX1007-QT Datasheet
758Kb / 6P
   Doubler
XX1007-BD MA-COM-XX1007-BD Datasheet
864Kb / 6P
   Doubler
XX1010-QT MA-COM-XX1010-QT Datasheet
183Kb / 5P
   Doubler
XX1007-BD MA-COM-XX1007-BD_15 Datasheet
864Kb / 6P
   Doubler
FD25H_V3 MA-COM-FD25H_V3 Datasheet
1Mb / 3P
   Frequency Doubler
FD93H MA-COM-FD93H Datasheet
754Kb / 3P
   Frequency Doubler
FD26 MA-COM-FD26 Datasheet
1Mb / 3P
   Frequency Doubler
logo
Tyco Electronics
FD25H MACOM-FD25H Datasheet
75Kb / 2P
   FREQUENCY DOUBLER
logo
Spectrum Microwave, Inc...
FD9XMS-1 SPECTRUM-FD9XMS-1 Datasheet
962Kb / 1P
   Frequency Doubler
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com