전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRA726U 데이터시트(PDF) 5 Page - KEC(Korea Electronics)

부품명 KRA726U
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA726U 데이터시트(HTML) 5 Page - KEC(Korea Electronics)

  KRA726U Datasheet HTML 1Page - KEC(Korea Electronics) KRA726U Datasheet HTML 2Page - KEC(Korea Electronics) KRA726U Datasheet HTML 3Page - KEC(Korea Electronics) KRA726U Datasheet HTML 4Page - KEC(Korea Electronics) KRA726U Datasheet HTML 5Page - KEC(Korea Electronics) KRA726U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2002. 1. 24
5/6
KRA721U~KRA726U
Revision No : 1
I
- V
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
I(OFF)
INPUT OFF VOLTAGE V
(V)
-0.6
-30
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
I
- V
O
I(OFF)
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-50
-100
-300
-500
-1k
-3k
-5k
-10k
KRA721U
V =-5V
O
O
V =-5V
KRA722U
-10k
-5k
-3k
-1k
-500
-300
-100
-50
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-30
-0.6
O
V =-5V
KRA723U
-10k
-5k
-3k
-1k
-500
-300
-100
-50
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-30
-0.6
O
V =-5V
KRA725U
-10k
-5k
-3k
-1k
-500
-300
-100
-50
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
-30
0
-30
-50
-100
-300
-500
-1k
-3k
-5k
-10k
KRA726U
V =-5V
O
-30
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-50
-100
-300
-500
-1k
-3k
-5k
-10k
KRA724U
V =-5V
O
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4


유사한 부품 번호 - KRA726U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRA726E KEC-KRA726E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA726T KEC-KRA726T Datasheet
68Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

유사한 설명 - KRA726U

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KRA310 KEC-KRA310 Datasheet
163Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA560U KEC-KRA560U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727E KEC-KRA727E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA116M KEC-KRA116M Datasheet
178Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA557E KEC-KRA557E Datasheet
89Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA566U KEC-KRA566U Datasheet
69Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA727U KEC-KRA727U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730E KEC-KRA730E Datasheet
49Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA730U KEC-KRA730U Datasheet
50Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA751U KEC-KRA751U Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA766U KEC-KRA766U Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com