전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1042 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KTA1042
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1042 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KTA1042 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1042 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 27
2/2
KTA1042D/L
Revision No : 3
I
- V
C
CE
CE
COLLECTOR EMITTER VOLTAGE V
(V)
0-1
-2
0
-1
SAFE OPERATING AREA
-3
-10
-0.1
-0.03
-0.01
COLLECTOR CURRENT I (A)
C
C
CE(sat)
V
- I
10
500
-0.01
COLLECTOR CURRENT I (A)
C
C
FE
h
- I
0
50
25
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
-3
-4
-5
-6
-7
-2
-3
-4
-5
COMMON EMITTER
Tc=25 C
I =-20mA
B
-50
-100
-150
-200
-250
0
-0.03
-0.1
-0.3
-1
-3 -5
30
50
100
300
COMMON EMITTER
V =-5V
CE
Tc=75 C
Tc=25 C
Tc=-25 C
75
100
125
150
-30
-100
-200
-0.3
-1
-0.5
-3
-5
-10
-20
* SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I MAX(PULSED) *
C
I MAX
(CONTINUOUS)
C
DC OPERATION
Tc=25
C
1s *
-0.03
-0.1
-0.3
-1
-3 -5
-0.05
-0.1
-0.3
-0.5
1
2
COMMON EMITTER
I /I =10
CB
Tc=75
C
Tc=25 C
Tc=-25 C
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
4
8
12
16
20
24
Tc=25 C
Ta=25 C
1
2
1
2


유사한 부품 번호 - KTA1042

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
401Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Inchange Semiconductor ...
KTA1042D ISC-KTA1042D Datasheet
250Kb / 2P
   isc Silicon PNP Power Transistor
logo
Jiangsu Changjiang Elec...
KTA1042D JIANGSU-KTA1042D Datasheet
916Kb / 4P
   TO-252-2L Plastic-Encapsulate Transistors
logo
KEC(Korea Electronics)
KTA1042L KEC-KTA1042L Datasheet
401Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

유사한 설명 - KTA1042

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com