전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1073T 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KTA1073T
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR(HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER,CATHODE RAY TUBE BRIGHTNESS CONTROL)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1073T 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KTA1073T Datasheet HTML 1Page - KEC(Korea Electronics) KTA1073T Datasheet HTML 2Page - KEC(Korea Electronics) KTA1073T Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 11. 7
2/3
KTA1073T
Revision No : 1
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
-2
-4
-6
-8
-10
-20
-40
-60
-80
-100
I =0mA
-0.1mA
-0.2mA
-0.3mA
-0.4mA
-0.6mA
-0.8mA
-1mA
-2mA
-3mA
-5mA
-10mA
B
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I - V
(LOW CURRENT REGION)
CCE
I - V
(LOW VOLTAGE REGION)
CCE
-40
-80
-120
-160
-200
-2
-4
-6
-8
-10
I =0µA
-10µA
-20
µA
-30
µA
-40
µA
-50
µA
-60µA
-70µA
-80µA
B
V
- I
BE(sat)
C
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
10
500
-0.1
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
-0.3
-1
-3
-10
-30
-100
30
50
100
300
COMMON
EMITTER
V
=-10V
CE
V
=-10V
-5V
-1V
CE
Ta=-55 C
-0.1
-5
-0.1
-0.3
-1
-3
-10
-30
-100
-0.3
-0.5
-1
-3
COMMON
EMITTER
Ta=25 C
Ta=100 C
Ta=25 C
Ta=100 C
Ta=-55 C
Ta=-25 C
COLLECTOR CURRENT I
(mA)
C
V
- I
CE(sat)
C
C
COLLECTOR CURRENT I
(mA)
-0.1
-0.03
-0.3
-1
-3
-10
-30
-100
-0.05
-0.1
-0.3
-0.5
-1
-3
COMMON EMITTER
I /I =10
C B
I /I =10
C B
Ta=100 C
-0.1
3
-0.3
-1
-3
-10
-30
-100
5
10
30
50
100
300
COMMON EMITTER
Ta=25 C
Ta=-55
C


유사한 부품 번호 - KTA1073T

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1070 KEC-KTA1070 Datasheet
341Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH-DEFINITION CRT DISPLAY VIDEO OUTPUT)
KTA1070 KEC-KTA1070 Datasheet
89Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Guangdong Kexin Industr...
KTA1070-O KEXIN-KTA1070-O Datasheet
1Mb / 3P
   PNP Transistors
KTA1070-Y KEXIN-KTA1070-Y Datasheet
1Mb / 3P
   PNP Transistors
KTA1070 KEXIN-KTA1070_15 Datasheet
1Mb / 3P
   PNP Transistors
More results

유사한 설명 - KTA1073T

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SA1091 TOSHIBA-2SA1091 Datasheet
224Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL APPLICATIONS PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL)
2SA1432 TOSHIBA-2SA1432 Datasheet
247Kb / 4P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1721 TOSHIBA-2SA1721 Datasheet
175Kb / 3P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS
2SC2551 TOSHIBA-2SC2551 Datasheet
220Kb / 3P
   TRANSISTOR (HIGHT VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TUBE DRIVER, CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
   HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384 Datasheet
268Kb / 5P
   TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TYBE DRIVER , CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
   High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com