전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1282 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KTA1282
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1282 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KTA1282 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1282 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 9. 10
2/2
KTA1282
Revision No : 0
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P - Ta
V
- I
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
-0.01
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
CE
I - V
C
CE
BASE-EMITTER VOLTAGE V
(V)
0
0
BE
I
- V
CBE
-2
-4
-6
-8
-10
-12
-14
-16
-200
-400
-600
-800
-1000
-1200
-1400
-1600
COMMON
EMITTER
Ta=25 C
-10
-8
-6
-4
-3
-2
I =-1mA
0
B
CE(sat)
C
-100
-300
-1k
-3k
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
COMMON
EMITTER
I /I =50
C B
Ta=100 C
Ta=25 C
Ta=-25 C
20
40
60
80
100 120 140 160 180
100
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.6 -1.8
-200
-400
-600
-800
-1000
-1200
-1400
-1600
COMMON
EMITTER
V
=-2V
CE
200
300
400
500
600
700
10
1k
-3k
-1k
-10
-1
COLLECTOR CURRENT I
(mA)
C
h
- I
FE
C
-100
-30
-3
-300
100
30
50
300
500
V
=-2V
CE
Ta=100 C
Ta=25 C
Ta=-25 C


유사한 부품 번호 - KTA1282

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1281 KEC-KTA1281 Datasheet
578Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING)
logo
Foshan Blue Rocket Elec...
KTA1281 FOSHAN-KTA1281 Datasheet
783Kb / 6P
   Silicon PNP transistor in a TO-92LM Plastic Package.
logo
Jiangsu Changjiang Elec...
KTA1281 JIANGSU-KTA1281 Datasheet
4Mb / 3P
   TO-92MOD Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
KTA1281 MCC-KTA1281 Datasheet
182Kb / 2P
   PNP Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1281-O KEXIN-KTA1281-O Datasheet
1Mb / 3P
   PNP Transistors
More results

유사한 설명 - KTA1282

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1661 KEC-KTA1661 Datasheet
337Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550S KEC-MPS8550S Datasheet
390Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1272 KEC-KTA1272 Datasheet
113Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550 KEC-MPS8550 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com