전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTA1661 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KTA1661
상세설명  EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1661 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KTA1661 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1661 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1998. 6. 15
2/2
KTA1661
Revision No : 2
I
- V
CCE
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
COLLECTOR CURRENT I
(mA)
C
C
FE
h
- I
COLLECTOR CURRENT I
(mA)
C
C
CE(sat)
V
- I
SAFE OPERATING AREA
CE
COLLECTOR-EMITTER VOLTAGE V
(V)
I
- V
CBE
BE
BASE-EMITTER VOLTAGE V
(V)
0.2
20
0
AMBIENT TEMPERATURE Ta ( C)
Pc - Ta
40
60
80
100
120
140
160
0
0.4
0.6
0.8
1.0
1.2
1 MOUNTED ON CERAMIC
SUBSTRATE(250mm x0.8t)
2 Ta=25 C
2
1
2
Ta=100 C
Ta=25 C
Ta=-25 C
0
-4
0
-8
-12
-16
-20
-200
-400
-600
-800
COMMON EMITTER
Ta=25 C
I =-1mA
B
-2mA
-3mA
-4mA
-5mA
0mA
-3
-0.02
-10
-30
-100
-300
-1k
-0.05
-0.1
-0.3
-0.5
COMMON EMITTER
I
/I
=10
B
C
Ta=100
C
Ta=-25 C
Ta=25 C
0
-0.2
-0.2
0
-0.4
-0.6
-0.8
-1.0
-1.2
-0.4
-0.6
-0.8
-1.0
COMMON EMITTER
V
=-5V
CE
COMMON EMITTER
V
=-5V
CE
-1
-0.3
-1
-3
-10
-30
-100
-300
-3
-10
-30
-100
-300
-1k
-3k
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I
MAX(PULSE)
I
MAX
(CONTINUOUS)
C
C
10ms
100ms
DC
OPERATION
10
-30
-10
-3
-100
-300
-1k
30
50
100
300
500
1k


유사한 부품 번호 - KTA1661

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
KTA1661 KEXIN-KTA1661 Datasheet
50Kb / 1P
   Epitaxial Planar PNP Transistor
logo
KEC(Korea Electronics)
KTA1661 KEC-KTA1661 Datasheet
47Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Nanjing International G...
KTA1661 DGNJDZ-KTA1661 Datasheet
978Kb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
KTA1661-O KEXIN-KTA1661-O Datasheet
917Kb / 2P
   PNP Transistors
KTA1661-Y KEXIN-KTA1661-Y Datasheet
917Kb / 2P
   PNP Transistors
More results

유사한 설명 - KTA1661

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1664 KEC-KTA1664 Datasheet
343Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
BCW68 KEC-BCW68 Datasheet
145Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1273 KEC-KTA1273 Datasheet
278Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550S KEC-MPS8550S Datasheet
390Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1271 KEC-KTA1271 Datasheet
230Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1272 KEC-KTA1272 Datasheet
113Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1663 KEC-KTA1663 Datasheet
284Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
MPS8550 KEC-MPS8550 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com