전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD178P018A 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 PD178P018A
상세설명  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD178P018A 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button PD178P018A_15 Datasheet HTML 7Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 8Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 9Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 10Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 11Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 12Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 13Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 14Page - Renesas Technology Corp PD178P018A_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
µPD178P018A
9
CONTENTS
1. PIN FUNCTION LIST .......................................................................................................................... 10
1.1 Pins in Normal Operating Mode ............................................................................................... 10
1.2 Pins in PROM Programming Mode ........................................................................................... 12
1.3 Pins Input/Output Circuits and Recommended Connection of Unused Pins ...................... 13
2. PROM PROGRAMMING .................................................................................................................... 16
2.1 Operating Modes ........................................................................................................................ 16
2.2 PROM Write Procedure ............................................................................................................. 18
2.3 PROM Read Procedure .............................................................................................................. 22
3. PROGRAM ERASURE (
µPD178P018AKK-T ONLY)..................................................................... 23
4. OPAQUE FILM ON ERASURE WINDOW (
µPD178P018AKK-T ONLY) ..................................... 23
5. ONE-TIME PROM VERSION SCREENING .................................................................................... 23
6. ELECTRICAL SPECIFICATIONS (PRELIMINARY) .......................................................................... 24
7. PACKAGE DRAWINGS ..................................................................................................................... 46
APPENDIX A. DIFFERENCES BETWEEN
µPD178018A AND µPD178018 SUBSERIES ................... 48
APPENDIX B. DEVELOPMENT TOOLS ................................................................................................ 49
APPENDIX C. RELATED DOCUMENTS ................................................................................................ 53


유사한 부품 번호 - PD178P018A_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PD178002 RENESAS-PD178002_15 Datasheet
359Kb / 50P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
PD178004A RENESAS-PD178004A_15 Datasheet
417Kb / 58P
   PD178004A_15
PD178016GC-051 RENESAS-PD178016GC-051 Datasheet
577Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO APPLICATIONS
PD178016GC-051 RENESAS-PD178016GC-051_15 Datasheet
577Kb / 96P
   8-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOTIVE FM/MW/LW RADIO APPLICATIONS
PD178023 RENESAS-PD178023_15 Datasheet
399Kb / 58P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

유사한 설명 - PD178P018A_15

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com