전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX101 데이터시트(Datasheet) 4 Page - KEC(Korea Electronics)

부품명 KTX101
상세내용  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
PDF  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 4 page
background image
2002. 1. 24
4/5
KTX101E
Revision No : 1
0
-40
30
3k
-3
-1
-0.3
-0.1
COLLECTOR CURRENT I
(mA)
C
C
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
Q (PNP TRANSISTOR)
2
CE
C
I
- V
h
- I
V
- I
C
COLLECTOR CURRENT I
(mA)
-0.1
-0.1
-0.3
0
BASE-EMITTER VOLTAGE V
(V)
BE
I - V
f - I
C
COLLECTOR CURRENT I
(mA)
-0.1
3k
10
-0.01
-0.1
COLLECTOR CURRENT I
(mA)
C
V
- I
-1
-2
-3
-4
-5
-6
-7
-80
-120
-160
-200
-240
I =-0.2mA
B
B
I =-0.5mA
B
I =-1.0mA
B
I =-1.5mA
B
I =-2.0mA
B
I =0mA
COMMON EMITTER
Ta=25 C
FE
C
-10
-30
-100
-300
50
100
300
500
1k
Ta=100 C
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=-25 C
V
=-6V
V
=-6V
CE
CE
V
=-1V
V
=-1V
COMMON EMITTER
CE(sat)
C
-0.3
-1
-3
-10
-30
-100
-300
-0.03
-0.05
-0.1
-0.3
-0.5
-1
Ta=100
C
Ta=25 C
Ta=-25 C
COMMON EMITTER
I /I =10
C B
C
BE(sat)
-0.3
-1
-10
-30
-100
-300
-3
-0.3
-0.5
-1
-3
-5
-10
COMMON EMITTER
I /I =10
Ta=25 C
C B
T
C
-0.3
-1
-3
-10
-30
-100
-300
30
50
100
300
500
1k
COMMON EMITTER
V
=-10V
Ta=25 C
CE
BBE
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-3
-10
-30
-100
-300
-1k
COMMON EMITTER
V
=-6V
CE




Html 페이지

1  2  3  4  5 


데이터시트



관련 부품명

부품명상세내용Html View제조사
BTA1036S3General Purpose PNP Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC945A3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTC4061N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 5 Cystech Electonics Corp.
BTN8050N3General Purpose NPN Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
BTP2907AN3General Purpose PNP Epitaxial Planar Transistor 1 2 3 4 Cystech Electonics Corp.
2N3906UEPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)
BC338EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)
BCW29EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 KEC(Korea Electronics)
KN4400EPITAXIAL PLANAR NPN TRANSISTOR GENERAL PURPOSE SWITCHING 1 2 3 KEC(Korea Electronics)
KTA1036EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE 1 2 3 4 KEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl