전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD16448A 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 PD16448A
상세설명  SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16448A 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button PD16448A_15 Datasheet HTML 7Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 8Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 9Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 10Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 11Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 12Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 13Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 14Page - Renesas Technology Corp PD16448A_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
9
µµµµPD16448A
2.1.3 Double-side delta array mode (MP/TH = H, MP/1.5 = H)
Because the pad pitch of the
µPD16448A is designed so that the IC is mounted on one side, the output
pitch must be expanded on the TCP if the IC is mounted on both sides.
Relation between video signals C1, C2, and C3, and output pins
Line No.
(number of
INHs)
RESET
INH
H1 (H240)H2 (H239)H3 (H238)H4 (H237)H239 (H2)H240 (H1)
0
H
L
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
1L
Sampling
C2 (C3)
Sampling
C3 (C2)
Sampling
C1 (C1)
Sampling
C2 (C3)
Sampling
C3 (C2)
Sampling
C1 (C1)
2L
Output
C2 (C3)
Output
C3 (C2)
Output
C1 (C1)
Output
C2 (C3)
Output
C3 (C2)
Output
C1 (C1)
3L
Output
C1 (C1)
Output
C2 (C3)
Output
C3 (C2)
Output
C1 (C1)
Output
C2 (C3)
Output
C3 (C2)
4L
Output
C2 (C3)
Output
C3 (C2)
Output
C1 (C1)
Output
C2 (C3)
Output
C3 (C2)
Output
C1 (C1)
5L
Output
C1 (C1)
Output
C2 (C3)
Output
C3 (C2)
Output
C1 (C1)
Output
C2 (C3)
Output
C3 (C2)
( ) indicates the case of left shift.
Pixel arrangement of double-side delta array and multiplexer operation
R
→ C1
B
→ C2
G
→ C3
PD16448A
Right shift (R/L = "H"), MP/TH = "H", MP/1.5 = "H"
µ
H1
RB
G
R
B
G
R
H2
H3
H3
BG
R
B
G
R
B
G
RB
G
R
B
G
R
RB
G
R
B
G
R
BG
R
B
G
R
B
G
G
→ C1
R
→ C2
B
→ C3
PD16448A
Left shift (R/L = "L"), MP/TH = "H", MP/1.5 = "H"
µ
H240
H239
H238
H237


유사한 부품 번호 - PD16448A_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PD16449 RENESAS-PD16449_15 Datasheet
270Kb / 30P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
More results

유사한 설명 - PD16448A_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PD16449 RENESAS-PD16449_15 Datasheet
270Kb / 30P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
logo
NEC
UPD16448A NEC-UPD16448A Datasheet
133Kb / 24P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD NAVIGATION, AUTOMOBILE LCD-TV
logo
Renesas Technology Corp
PD16782 RENESAS-PD16782_15 Datasheet
283Kb / 28P
   SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
logo
NEC
UPD16782 NEC-UPD16782 Datasheet
164Kb / 26P
   SOURCE DRIVER FOR 300/288-OUTPUT TFT-LCD(NAVIGATION, AUTOMOBILE LCD-TV)
UPD16449 NEC-UPD16449 Datasheet
131Kb / 27P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
   240-output TFT-LCD Source Driver IC
logo
NEC
UPD16641 NEC-UPD16641 Datasheet
151Kb / 20P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
logo
Sharp Corporation
LQ6AW31K SHARP-LQ6AW31K Datasheet
16Kb / 1P
   Color TFT-LCD Module(LCD TV/Car Navigation)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com