전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4448WT 데이터시트(PDF) 1 Page - TAITRON Components Incorporated

부품명 1N4448WT
상세설명  Two Terminals SMD Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAITRON [TAITRON Components Incorporated]
홈페이지  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

1N4448WT 데이터시트(HTML) 1 Page - TAITRON Components Incorporated

  1N4448WT_10 Datasheet HTML 1Page - TAITRON Components Incorporated 1N4448WT_10 Datasheet HTML 2Page - TAITRON Components Incorporated 1N4448WT_10 Datasheet HTML 3Page - TAITRON Components Incorporated 1N4448WT_10 Datasheet HTML 4Page - TAITRON Components Incorporated 1N4448WT_10 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH
1N4448WT
Two Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Two Terminals SMD Switching Diode
Features
• Fast switching speed
• Electrically identical to standard JEDEC
• High conductance
• Surface mount package ideally suited for automatic insertion
• RoHS compliant
Mechanical Data
Case:
SOD-523, plastic case
Terminals:
Solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
Approx. 0.002 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
1N4448WT
Unit
Conditions
Marking Code
A3
VR
Reverse Voltage
75
V
VRRM
Peak Reverse Voltage
100
V
VRMS
RMS Voltage
50
V
VDC
Maximum DC Blocking Voltage
75
V
IF(AV)
Maximum Average Forward Current
150
mA
TA=25 °C
IFSM
Peak Forward Surge Current, t=1.0µS
4
A
PD
Total Power Dissipation Derate above 25 °C
200
mW
RthJA
Thermal Resistance, Junction to Ambient
625
° C/W
TJ,
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
° C
SOD-523


유사한 부품 번호 - 1N4448WT_10

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
1N4448WT BILIN-1N4448WT_17 Datasheet
148Kb / 4P
   High Speed Switching Diode
More results

유사한 설명 - 1N4448WT_10

제조업체부품명데이터시트상세설명
logo
TAITRON Components Inco...
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
   Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WU TAITRON-TWD160WU Datasheet
153Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WS TAITRON-TWD4148-160WS Datasheet
142Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-160WU TAITRON-TWD4148-160WU Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
TWD4148-400WU TAITRON-TWD4148-400WU Datasheet
185Kb / 5P
   Two Terminals SMD Switching Diode
TWD160WS TAITRON-TWD160WS Datasheet
147Kb / 5P
   Two Terminals SMD Switching Diode
1N4448WU TAITRON-1N4448WU Datasheet
180Kb / 5P
   Two Terminals SMD Switching Diode
TWD400WU TAITRON-TWD400WU Datasheet
190Kb / 5P
   Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com