전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD16641 데이터시트(PDF) 11 Page - Renesas Technology Corp

부품명 PD16641
상세설명  240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16641 데이터시트(HTML) 11 Page - Renesas Technology Corp

Back Button PD16641_15 Datasheet HTML 7Page - Renesas Technology Corp PD16641_15 Datasheet HTML 8Page - Renesas Technology Corp PD16641_15 Datasheet HTML 9Page - Renesas Technology Corp PD16641_15 Datasheet HTML 10Page - Renesas Technology Corp PD16641_15 Datasheet HTML 11Page - Renesas Technology Corp PD16641_15 Datasheet HTML 12Page - Renesas Technology Corp PD16641_15 Datasheet HTML 13Page - Renesas Technology Corp PD16641_15 Datasheet HTML 14Page - Renesas Technology Corp PD16641_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet S10565EJ2V0DS
9
µ PD16641
5. RELATIONSHIP BETWEEN INPUT DATA AND OUTPUT PIN
Data format : 6 bits x RGB (3 dots)
Input width : 18 bits (1-pixel data)
(1) R,/L = H (right shift)
Output
S1
S2
S3
S239
S240
Data
D00 to D05
D10 to D15
D20 to D25
D10 to D15
D20 to D25
(2) R,/L = L (left shift)
Output
S1
S2
S3
S239
S240
Data
D00 to D05
D10 to D15
D20 to D25
D10 to D15
D20 to D25
6. OPERATION OF OUTPUT BUFFER
The output buffer consists of an operational amplifier circuit that does not perform pre-charge operation. Therefore,
driver output current IVOH1/2 is the charging current to the LCD, and IVOL1/2 is the discharging current.
The chip has the driving capability to charge or discharge a liquid load with CL = 80 pF to 3
τ in less than 10
µs.
Figure 6
−1. LCD Panel Driving Waveform
1 horizontal period
Write (IVOL1/2/IVOH1/2)
Write (IVOL1/2/IVOH1/2)
VDD2
Sn
VSS2


유사한 부품 번호 - PD16641_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
   300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
More results

유사한 설명 - PD16641_15

제조업체부품명데이터시트상세설명
logo
NEC
UPD16641 NEC-UPD16641 Datasheet
151Kb / 20P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
logo
Renesas Technology Corp
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
logo
NEC
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com