전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX303U 데이터시트(Datasheet) 3 Page - KEC(Korea Electronics)

부품명 KTX303U
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 3 page
background image
2003. 3. 11
3/4
KTX303U
Revision No : 1
BASE-EMITTER VOLTAGE V
(V)
BE
I - V
C
BE
Ta=125
C
V =-2V
I /I =20
CE
V =-2V
CE
V =-2V
CE
CB
I /I =20
CB
I /I =50
C B
I /I =20
CB
I /I =10
CB
Ta=25
C
Ta=-40
C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
10
1K
30
50
100
300
500
V
- I
C
COLLECTOR CURRENT I (mA)
CE(sat)
C
-1
-3
-1
-10
-30
-100
-300
-1K
-3
-5
-10
-30
-50
-100
-300
-500
-1K
V
- I
C
COLLECTOR CURRENT I (mA)
CE(sat)
C
-1
-3
-1
-10
-30
-100
-300
-1K
-3
-5
-10
-30
-50
-100
-300
-500
-1K
0
-1
-0.5
-1.0
-1.5
-3
-5
-10
-30
-50
-100
-300
-500
-1K
f - I
C
COLLECTOR CURRENT I (mA)
TC
-1
-3
-10
-30
-100
-300
-1K
-100
-10K
-300
-500
-1K
-3K
-5K
V
- I
C
COLLECTOR CURRENT I (mA)
BE(sat)
C
-1
-3
-10
-30
-100
-300
-1K
10
1K
30
50
100
300
500
-1
-3
-10
-30
-100
-300
-1K
COLLECTOR CURRENT I (mA)
Q (PNP TRANSISTOR)
C
h
- I
FE
1
C




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX403UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
KTA1277EPITAXIAL PLANAR PNP TRANSISTOR HIGH VOLTAGE DC-DC CONVERTER LOW POWER SWITCHING REGULATOR 1 2 KEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl