전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX303U 데이터시트(Datasheet) 2 Page - KEC(Korea Electronics)

부품명 KTX303U
상세내용  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 2 page
background image
2003. 3. 11
2/4
KTX303U
Revision No : 1
ELECTRICAL CHARACTERISTICS (Ta=25 )
TRANSISTOR Q1
DIODE (SBD) D1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-15V, IE=0
-
-
-100
Collector-Base Breakdown Voltage
V(BR)CBO
IE=-10
-15
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-1
-12
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-10
-6
-
-
V
DC Current Gain
hFE
VCE=-2V, IC=-10
270
-
680
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-200 , IB=-10
-
-100
-250
Transition Frequency
fT
VCE=-2V, IC=-10 , f=100
-
260
-
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1
-
6.5
-
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.22
-
V
VF(2)
IF=10mA
-
0.29
-
VF(3)
IF=100mA
-
0.38
-
VF(4)
IF=200mA
-
0.43
0.55
Reverse Current
IR
VR=30V
-
-
50
Total Capacitance
CT
VR=0, f=1
-
50
-




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX402UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX403UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
KTA1277EPITAXIAL PLANAR PNP TRANSISTOR HIGH VOLTAGE DC-DC CONVERTER LOW POWER SWITCHING REGULATOR 1 2 KEC(Korea Electronics)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl