전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

KTX402U 데이터시트(Datasheet) 4 Page - KEC(Korea Electronics)

부품명 KTX402U
상세내용  EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo 

   
 4 page
background image
2003. 3. 11
4/4
KTX402U
Revision No : 1
0.1
10
3
1
0.5
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
h PARAMETER - V
h PARAMETER - I
C
COLLECTOR CURRENT I (mA)
0.1
1
3
0.1
C
10
30 50
0.5
5
0.3
0.5
1
3
5
10
30
50
100
300
500
1k
2k
COMMON EMITTER
V =12V, f=270Hz
Ta=25 C
CE
BL
GR
Y
O
h fe
BL
GR
Y
O
BL
GR
Y
O
BL
GR
Y
O
ie
h xkΩ
ie
h xkΩ
h xµ
oe
h x10
re
-4
h x10
re
-4
CE
30
100
300
0.3
1
3
10
30
100
300
1k
2k
BL
GR
Y
O
h fe
BL
GR
Y
O
BL
GR
Y
O
BL
GR
Y
O
COMMON EMITTER
I =2mA, Ta=25 C
C
h xµ
oe
I
- V
R
REVERSE VOLTAGE V (V)
05
RR
0.5
1
5
10
I
- V
F
FORWARD VOLTAGE V (mV)
F
1
Ta=25 C
F
0
100
-1
10
1
10
2
10
-4
10
-3
10
-2
10
20
25
REVERSE VOLTAGE V (V)
5
5
10
50
0
R
15
10
100
C
- V
TR
30
200
300
400
500
10
15
20
30
25
Ta=25 C
f=1MHz
Ta=25 C
D (SBD)




Html 페이지

1  2  3  4 


데이터시트



관련 부품명

부품명상세내용Html View제조사
KTX302UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE GENERAL PURPOSE LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX403UEPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX303UEPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE SWITCHING LOW VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 KEC(Korea Electronics)
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX301EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX301UEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTX401EEPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
MA2SD30Schottky Barrier Diodes Silicon epitaxial planar type For super high speed switching 1 2 3 Panasonic Semiconductor
HRB0103ASilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor
HRB0103BSilicon Schottky Barrier Diode for Low Voltage High Speed Switching Rectifying 1 2 3 4 5 MoreHitachi Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl