전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD16803 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 PD16803
상세설명  MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16803 데이터시트(HTML) 3 Page - Renesas Technology Corp

  PD16803_15 Datasheet HTML 1Page - Renesas Technology Corp PD16803_15 Datasheet HTML 2Page - Renesas Technology Corp PD16803_15 Datasheet HTML 3Page - Renesas Technology Corp PD16803_15 Datasheet HTML 4Page - Renesas Technology Corp PD16803_15 Datasheet HTML 5Page - Renesas Technology Corp PD16803_15 Datasheet HTML 6Page - Renesas Technology Corp PD16803_15 Datasheet HTML 7Page - Renesas Technology Corp PD16803_15 Datasheet HTML 8Page - Renesas Technology Corp PD16803_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1997
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD16803
Document No. S11452EJ2V0DS00 (2nd edition)
Date Published July 1997 N
Printed in Japan
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
DESCRIPTION
The
µPD16803 is a monolithic dual H bridge driver circuit which uses N-channel power MOS FETs in its driver stage.
By employing the power MOS FETs for the output stage, this driver circuit has a substantially improved saturation voltage
and power consumption as compared with conventional driver circuits that use bipolar transistors.
In addition, the drive current can be adjusted by an external resistor in a power-saving mode.
The
µPD16803 is therefore ideal as the driver circuit of the 2-phase excitation, bipolar-driven stepping motor for the head
actuator of an FDD.
FEATURES
Low ON resistance (sum of ON resistors of top and bottom transistors)
RON1 = 1.5
Ω TYP. (VM = 5.0 V)
RON2 = 2.0
Ω TYP. (VM = 12.0 V)
Low current consumption: IDD = 0.4 mA TYP.
Stop mode function that turns OFF all output transistors
Compact surface mount package: 20-pin plastic SOP (300 mil)
PIN CONFIGURATION (Top View)
1
3
4
5
6
7
8
9
10
C1H
C2L
1A
2A
PGND
VM1
VDD
INC
IN1
IN2
C1L
C2H
1B
2B
PGND
VG
VM2
DGND
RX
PS
2
20
18
17
16
15
14
13
12
11
19


유사한 부품 번호 - PD16803_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PD168002 RENESAS-PD168002_15 Datasheet
281Kb / 17P
   MONOLITHIC 6-CHANNEL H-BRIDGE DRIVER
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results

유사한 설명 - PD16803_15

제조업체부품명데이터시트상세설명
logo
NEC
UPD16803 NEC-UPD16803 Datasheet
97Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16818 NEC-UPD16818 Datasheet
136Kb / 15P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16814 RENESAS-PD16814_15 Datasheet
199Kb / 14P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
PD16818 RENESAS-PD16818_15 Datasheet
253Kb / 17P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16808 NEC-UPD16808 Datasheet
96Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16813 NEC-UPD16813 Datasheet
68Kb / 8P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
UPD16814 NEC-UPD16814 Datasheet
94Kb / 12P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16813 RENESAS-PD16813_15 Datasheet
244Kb / 10P
   MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com