전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD161830 데이터시트(PDF) 9 Page - Renesas Technology Corp

부품명 PD161830
상세설명  240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD161830 데이터시트(HTML) 9 Page - Renesas Technology Corp

Back Button PD161830_15 Datasheet HTML 5Page - Renesas Technology Corp PD161830_15 Datasheet HTML 6Page - Renesas Technology Corp PD161830_15 Datasheet HTML 7Page - Renesas Technology Corp PD161830_15 Datasheet HTML 8Page - Renesas Technology Corp PD161830_15 Datasheet HTML 9Page - Renesas Technology Corp PD161830_15 Datasheet HTML 10Page - Renesas Technology Corp PD161830_15 Datasheet HTML 11Page - Renesas Technology Corp PD161830_15 Datasheet HTML 12Page - Renesas Technology Corp PD161830_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Preliminary Product Information S16240EJ1V0PM
7
µµµµPD161830
(2/2)
Pin Symbol
Pin Name
Pad No.
I/O
Description
AP
Output SW
ON/OFF
270
Input
MODE = L
This pin turns ON/OFF the BIAS circuit and turns on the output SW and amplifier.
When AP is H, the amplifier is set and the LCD is driving.
The amplifier output and output SW are turned on at the rising edge of AP,
starting the LCD drive. Note that the output SW is turned off at the rising edge of
STB and the output becomes Hi-Z (Hi-Z: High impedance). For details, refer to 4.1
Drive Timing by MODE and AP Signal.
For the AP input timing, refer to Switching Characteristics Waveform.
MODE = H
A sauce driver output circuit is changed to an amplifier output by grand fixation.
For details, refer to 4.1 Drive Timing by MODE and AP Signal.
GAM
External
γ -usage
selection
267
Input
When the
γ -correction power supply is input externally, switch GAM to H. If two or
more chips are used, be sure to input the
γ -correction power supply externally.
Figure 4–4 shows an input example of the
γ -correction power supply.
GAM = L: External
γ -correction power supply not input (open)
GAM = H: External
γ -correction power supply input
MODE
Driver output
functional change
265
Input
The drive mode of the sauce driver output by AP pin is set up as follows.
For details, please refer to 4.1 Drive Timing by MODE and AP Signal.
MODE = L: Normal drive mode
MODE = H: Grand output drive mode
V0 to V4
γ -corrected power
supplies
294 to 280
These pins input the
γ -corrected power supplies from outside, the relationship
below must be observed. Also, be sure to stabilize the gray-scale-level power
supply during gray-scale voltage output.
VSS2
≤ V4 ≤ V3 ≤ V2 ≤ V1 ≤ V0 ≤ VDD2
BA
BIAS current
adjustment
function
266
Input
This pin adjusts the BIAS current and through rate of amplifier inside IC.
Select either the high power mode or low power mode.
In addition, as compared with the time of the low power mode, twice about as
many bias current as this flows at the time of high power mode.
BA = L: Low power mode
BA = H: high power mode
TESTIN
TEST input pin
311
Input
Set to H or leave open
TESTO1,
TESTO2
TEST output pin
309,
310
Output Leave open.
VDD1
Logic power
supply
254 to 256,
312 to 314
2.2 to 3.6 V
VDD2
Driver power
supply
251 to 253,
321 to 323
4.5 to 5.5 V
VSS1
Logic ground
257 to 259,
315 to 317
Ground
VSS2
Driver ground
260 to 262,
318 to 320
Ground
Dummy1 to
dummy18
Dummy
241 to 247, 250,
279, 295, 324,
326 to 332
This pin is dummy.
Caution
To avoid latchup failure, the sequence when turning on the power must be VDD1
→ logic input →
VDD2
→gray-scale power supply (V0 to V4), and the reverse sequence when turning off the power.
Follow this sequence during shift periods as well.


유사한 부품 번호 - PD161830_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PD161830P RENESAS-PD161830P Datasheet
370Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
More results

유사한 설명 - PD161830_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
   240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
   240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
logo
NEC
UPD16641 NEC-UPD16641 Datasheet
151Kb / 20P
   SOURCE DRIVER FOR 240-OUTPUT TFT-LCD 64 GRAY SCALES
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
   480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
   480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
   384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
NEC
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
   384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com