전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC846BLP4 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 BC846BLP4
상세설명  65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846BLP4 데이터시트(HTML) 1 Page - Diodes Incorporated

  BC846BLP4_15 Datasheet HTML 1Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 2Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 3Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 4Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 5Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 6Page - Diodes Incorporated BC846BLP4_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BC846BLP4
Document number: DS35751 Rev. 2 - 2
1 of 7
www.diodes.com
July 2012
© Diodes Incorporated
BC846BLP4
65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Low Collector-Emitter Saturation Voltage, VCE(sat)
Ultra-Small Leadless Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: X2-DFN1006-3
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
⎯ NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.0009 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BC846BLP4-7B
3S
7
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
e4
Bottom View
Top View
Device Schematic
C
E
B
Device Symbol
X2-DFN1006-3
C
E
B
3S = Product Type Marking Code
3S
Top View
Bar Denotes Base
and Emitter Side


유사한 부품 번호 - BC846BLP4_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC846BLP4 DIODES-BC846BLP4_17 Datasheet
407Kb / 7P
   65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

유사한 설명 - BC846BLP4_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BC846BLP4 DIODES-BC846BLP4 Datasheet
164Kb / 6P
   65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC846BLP4 DIODES-BC846BLP4_17 Datasheet
407Kb / 7P
   65V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC846AS DIODES-BC846AS_17 Datasheet
638Kb / 7P
   65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC846ASQ DIODES-BC846ASQ Datasheet
548Kb / 7P
   65V DUAL NPN SMALL SIGNAL TRANSISTOR
BC856ASQ DIODES-BC856ASQ Datasheet
485Kb / 6P
   65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
BC856AS DIODES-BC856AS_17 Datasheet
542Kb / 6P
   65V DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com