전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP54_55_56 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 BCP54_55_56
상세설명  NPN MEDIUM POWER TRANSISTORS IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP54_55_56 데이터시트(HTML) 1 Page - Diodes Incorporated

  BCP54_55_56_15 Datasheet HTML 1Page - Diodes Incorporated BCP54_55_56_15 Datasheet HTML 2Page - Diodes Incorporated BCP54_55_56_15 Datasheet HTML 3Page - Diodes Incorporated BCP54_55_56_15 Datasheet HTML 4Page - Diodes Incorporated BCP54_55_56_15 Datasheet HTML 5Page - Diodes Incorporated BCP54_55_56_15 Datasheet HTML 6Page - Diodes Incorporated BCP54_55_56_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCP 54 / 55 / 56
Datasheet Number: DS35367 Rev. 6 - 2
1 of 7
www.diodes.com
June 2015
© Diodes Incorporated
BCP 54/ 55/ 56
NPN MEDIUM POWER TRANSISTORS IN SOT223
Features
BVCEO > 45V, 60V & 80V
IC = 1A High Continuous Collector Current
ICM = 2A Peak Pulse Current
2W Power Dissipation
Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
Gain Groups 10 and 16
Complementary PNP Types: BCP51, 52 and 53
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Applications
Medium Power Switching or Amplification Applications
AF Driver and Output Stages
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches) Tape width (mm) Quantity per reel
BCP54TA
AEC-Q101
BCP 54
7
12
1,000
BCP5410TA
AEC-Q101
BCP 5410
7
12
1,000
BCP5416TA
AEC-Q101
BCP 5416
7
12
1,000
BCP5416QTA
Automotive
BCP 5416
7
12
1,000
BCP55TA
AEC-Q101
BCP 55
7
12
1,000
BCP5510TA
AEC-Q101
BCP 5510
7
12
1,000
BCP5516TA
AEC-Q101
BCP 5516
7
12
1,000
BCP56TA
AEC-Q101
BCP 56
7
12
1,000
BCP5610TA
AEC-Q101
BCP 5610
7
12
1,000
BCP5616TA
AEC-Q101
BCP 5616
7
12
1,000
BCP5616TC
AEC-Q101
BCP 5616
13
12
4,000
BCP5616QTA
Automotive
Refer to http://diodes.com/datasheets/BCP5616Q.pdf
BCP5616QTC
Automotive
Refer to http://diodes.com/datasheets/BCP5616Q.pdf
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
C
E
B
Device Symbol
Top View
SOT223
Top View
Pin-Out
BCP
XXXX
BCP = Product Type Marking Code, Line 1
XXXX = Product Type Marking Code, Line 2 as follows:
BCP54
= 54
BCP55
= 55
BCP56
= 56
BCP5410 = 5410
BCP5510 = 5510
BCP5610 = 5610
BCP5416 = 5416
BCP5516 = 5516
BCP5616 = 5616
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 5= 2015)
WW or WW = Week Code (01~53)
SOT223


유사한 부품 번호 - BCP54_55_56_15

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BCP54-10 SIEMENS-BCP54-10 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP54-10 INFINEON-BCP54-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
NXP Semiconductors
BCP54-10 NXP-BCP54-10 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BCP54-10 NXP-BCP54-10 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54-10 PHILIPS-BCP54-10 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
More results

유사한 설명 - BCP54_55_56_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
BCP54 DIODES-BCP54 Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT223
logo
Zetex Semiconductors
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCP5316Q DIODES-BCP5316Q_15 Datasheet
283Kb / 6P
   80V PNP MEDIUM POWER TRANSISTORS IN SOT223
FZT853TA DIODES-FZT853TA Datasheet
249Kb / 7P
   100V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT851TA DIODES-FZT851TA Datasheet
351Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT655 DIODES-FZT655_15 Datasheet
274Kb / 7P
   150V NPN MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com