전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP5316Q 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 BCP5316Q
상세설명  80V PNP MEDIUM POWER TRANSISTORS IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP5316Q 데이터시트(HTML) 2 Page - Diodes Incorporated

  BCP5316Q_15 Datasheet HTML 1Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 2Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 3Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 4Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 5Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BCP5316Q
Datasheet Number: DS36980 Rev. 2 - 2
2 of 6
www.diodes.com
May 2014
© Diodes Incorporated
BCP5316Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-1
A
Peak Pulse Collector Current
ICM
-2
Continuous Base Current
IB
-100
mA
Peak Pulse Base Current
IBM
-200
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
2
W
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
62
°C/W
Thermal Resistance, Junction to Leads
(Note 7)
RθJL
19.4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted with the collector lead on 50mm x 50mm 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still air
conditions whilst operating in steady-state.
7. Thermal resistance from junction to solder-point (at the end of the collector lead).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


유사한 부품 번호 - BCP5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCP5316QTA DIODES-BCP5316QTA Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
BCP5316QTA DIODES-BCP5316QTA Datasheet
406Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
More results

유사한 설명 - BCP5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCP5316Q DIODES-BCP5316Q Datasheet
406Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT223
BCP5616Q DIODES-BCP5616Q_15 Datasheet
457Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
BCP5610Q DIODES-BCP5610Q Datasheet
444Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5616TQ DIODES-BCP5616TQ Datasheet
556Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
January 2021 Rev. 1 - 2
BCP5616T DIODES-BCP5616T Datasheet
557Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
logo
Zetex Semiconductors
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com