전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP5316Q 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 BCP5316Q
상세설명  80V PNP MEDIUM POWER TRANSISTORS IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP5316Q 데이터시트(HTML) 4 Page - Diodes Incorporated

  BCP5316Q_15 Datasheet HTML 1Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 2Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 3Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 4Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 5Page - Diodes Incorporated BCP5316Q_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BCP5316Q
Datasheet Number: DS36980 Rev. 2 - 2
4 of 6
www.diodes.com
May 2014
© Diodes Incorporated
BCP5316Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-100
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-80
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5
V
IE = -10µA
Collector Cut-off Current
ICBO
-0.1
-20
µA
VCB = -30V
VCB = -30V, TA = +150°C
Emitter Cut-off Current
IEBO
-20
nA
VEB = -4V
Static Forward Current Transfer Ratio (Note 9)
hFE
25
100
25
250
IC = -5mA, VCE = -2V
IC = -150mA, VCE = -2V
IC = -500mA, VCE = -2V
Collector-Emitter Saturation Voltage (Note 9)
VCE(sat)
-0.5
V
IC = -500mA, IB = -50mA
Base-Emitter Turn-On Voltage (Note 9)
VBE(on)
-1.0
V
IC = -500mA, VCE = -2V
Transition Frequency
fT
150
MHz
IC = -50mA, VCE = -10V
f = 100MHz
Output Capacitance
Cobo
25
pF
VCB = -10V, f = 1MHz
Notes:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%.
0
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
-V , COLLECTOR-EMITTER VOLTAGE (V)
CE
I = 2mA
B
I = 4mA
B
I = 6mA
B
I = 8mA
B
I = 10mA
B
Fig. 1 Typical Collector Current
vs. Collector-Emitter Voltage
0
100
200
300
400
500
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 2 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -5V
CE
0
0.2
0.4
0.6
0.8
1.0
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT(A)
C
Fig 3 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -2V
CE
0
0.1
0.2
0.3
0.4
0.5
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A


유사한 부품 번호 - BCP5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCP5316QTA DIODES-BCP5316QTA Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
BCP5316QTA DIODES-BCP5316QTA Datasheet
406Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
More results

유사한 설명 - BCP5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCP5316Q DIODES-BCP5316Q Datasheet
406Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT223
August 2021
BCP51_52_53 DIODES-BCP51_52_53_15 Datasheet
399Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT223
BCP5616Q DIODES-BCP5616Q_15 Datasheet
457Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
BCP5610Q DIODES-BCP5610Q Datasheet
444Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5616TQ DIODES-BCP5616TQ Datasheet
556Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
January 2021 Rev. 1 - 2
BCP5616T DIODES-BCP5616T Datasheet
557Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
logo
Zetex Semiconductors
BSP31 ZETEX-BSP31 Datasheet
47Kb / 1P
   SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com