전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4001S 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 1N4001S
상세설명  Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4001S 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4001S_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4001S_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4001S_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4001S_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
1N4007S
1N4007S
(TA=25℃ unless otherwise noted)
Document Number: DS_D1402005
Version: E14
1N4001S thru 1N4007S
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
P0
Suffix "G"
A-405
2K / AMMO box
P1
A-405
2K / AMMO box
A1
A-405
3K / AMMO box
A0
A-405
3K / AMMO box
R0
A-405
5K / 13" Reel
B0
A-405
1K / Bulk packing
Note 1: "x" defines voltage from 50V (1N4001S) to 1000V (1N4007S)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
1N400xS
(Note 1)
RATINGS AND CHARACTERISTICS CURVES
1N4007S A0
A0
1N4007S A0G
A0
G
Green compound
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(oC)
FIG.1- MAXMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle


유사한 부품 번호 - 1N4001S_14

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_1 Datasheet
235Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Pan Jit International I...
1N4001S PANJIT-1N4001S_10 Datasheet
67Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001S TSC-1N4001S_10 Datasheet
519Kb / 2P
   1.0 AMP. Silicon Rectifiers
logo
Taiwan Memory Technolog...
1N4001S TMT-1N4001S_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Silicon Rectifiers
logo
Chongqing Pingwei Enter...
1N4001S CHONGQING-1N4001S_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
More results

유사한 설명 - 1N4001S_14

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
   SILICON RECTIFIERS
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
   SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
   SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
   Silicon Rectifiers
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
   Silicon Rectifiers
logo
Taiwan Semiconductor Co...
1N5391 TSC-1N5391_14 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
   SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
   Silicon Rectifiers
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
   Silicon Rectifiers
BY251 DIOTEC-BY251 Datasheet
188Kb / 2P
   Silicon Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com