전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAS170WS-E3-08 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 BAS170WS-E3-08
상세설명  Small Signal Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS170WS-E3-08 데이터시트(HTML) 1 Page - Vishay Siliconix

  BAS170WS-E3-08 Datasheet HTML 1Page - Vishay Siliconix BAS170WS-E3-08 Datasheet HTML 2Page - Vishay Siliconix BAS170WS-E3-08 Datasheet HTML 3Page - Vishay Siliconix BAS170WS-E3-08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS170WS
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 25-Feb-13
1
Document Number: 85653
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diode
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.3 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• Schottky diode for high-speed switching
• Circuit protection
• Voltage clamping
• High-level detecting and mixing
• AEC-Q101 qualified
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1)
Pulse test; tp  300 μs
PARTS TABLE
PART
ORDERING CODE
INTERNAL
CONSTRUCTION
TYPE MARKING
REMARKS
BAS170WS
BAS170WS-E3-08 or BAS170WS-E3-18
Single diode
73
Tape and reel
BAS170WS-HE3-08 or BAS170WS-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
70
V
Forward continuous current
IF
70
mA
Surge forward current
tp < 1 s
IFSM
600
mA
Power dissipation (1)
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
650
K/W
Junction temperature
Tj
125
°C
Operating temperature range
Top
- 55 to + 125
°C
Storage temperature range
Tstg
- 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR = 10 μA (pulsed)
V(BR)
70
V
Leakage current
VR = 50 V
IR
0.1
μA
VR = 70 V
IR
10
μA
Forward voltage
IF = 1 mA
VF
375
410
mV
IF = 10 mA
VF
705
750
mV
Forward voltage (1)
IF = 15 mA
VF
880
1000
mV
Diode capacitance
VR = 0 V, f = 1 MHz
CD
1.5
2
pF
Differential forward resistance
IF = 5 mA, f = 10 kHz
rf
34


유사한 부품 번호 - BAS170WS-E3-08

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BAS170WS-G VISHAY-BAS170WS-G Datasheet
75Kb / 3P
   Small Signal Schottky Diode
Rev. 1.2, 14-Oct-16
BAS170WS-G VISHAY-BAS170WS-G Datasheet
76Kb / 3P
   Small Signal Schottky Diode
01-Jan-2022
BAS170WS-G3-08 VISHAY-BAS170WS-G3-08 Datasheet
75Kb / 3P
   Small Signal Schottky Diode
Rev. 1.2, 14-Oct-16
BAS170WS-G3-18 VISHAY-BAS170WS-G3-18 Datasheet
75Kb / 3P
   Small Signal Schottky Diode
Rev. 1.2, 14-Oct-16
BAS170WS-GS08 VISHAY-BAS170WS-GS08 Datasheet
70Kb / 4P
   Schottky Diodes
Rev. 1.2, 18-Nov-03
More results

유사한 설명 - BAS170WS-E3-08

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com