전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB3H90 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SB3H90
상세설명  High Voltage Schottky Plastic Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB3H90 데이터시트(HTML) 1 Page - Vishay Siliconix

  SB3H90 Datasheet HTML 1Page - Vishay Siliconix SB3H90 Datasheet HTML 2Page - Vishay Siliconix SB3H90 Datasheet HTML 3Page - Vishay Siliconix SB3H90 Datasheet HTML 4Page - Vishay Siliconix SB3H90 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SB3H90, SB3H100
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
1
Document Number: 88720
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Schottky Plastic Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Guardring for overvoltage protection
• Low power losses and high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capabilitmy
• High frequency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in middle voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-201AD
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.0 A
VRRM
90 V, 100 V
IFSM
100 A
VF
0.65 V
IR
20 μA
TJ max.
175 °C
Package
DO-201AD
Diode variations
Single
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB3H90
SB3H100
UNIT
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Maximum working reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at TL = 90 °C
IF(AV)
3.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Peak repetitive reverse surge current at tp = 2.0 μs, 1 kHz
IRRM
1.0
A
Critical rate of rise of reverse voltage
dV/dt
10 000
V/μs
Storage temperature range
TSTG
- 55 to + 175
°C
Maximum operating junction temperature
TJ
175
°C


유사한 부품 번호 - SB3H90

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
SB3H90 VISHAY-SB3H90 Datasheet
97Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB3H90 VISHAY-SB3H90 Datasheet
77Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 19-Aug-11
logo
Shenzhen Taychipst Elec...
SB3H90 TAYCHIPST-SB3H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
More results

유사한 설명 - SB3H90

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90_V01 Datasheet
77Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90 VISHAY-SB1H90_V01 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90-E3 VISHAY-SB1H90-E3 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
HY ELECTRONIC CORP.
EM513 HY-EM513 Datasheet
41Kb / 2P
   HIGH VOLTAGE PLASTIC RECTIFIER
logo
Sangdest Microelectroni...
SHV30300G SMC-SHV30300G Datasheet
80Kb / 5P
   PLASTIC HIGH-VOLTAGE RECTIFIER
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
CL01-12S DACHANG-CL01-12S_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com