전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD103AWS-G3-08 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SD103AWS-G3-08
상세설명  Small Signal Schottky Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD103AWS-G3-08 데이터시트(HTML) 1 Page - Vishay Siliconix

  SD103AWS-G3-08 Datasheet HTML 1Page - Vishay Siliconix SD103AWS-G3-08 Datasheet HTML 2Page - Vishay Siliconix SD103AWS-G3-08 Datasheet HTML 3Page - Vishay Siliconix SD103AWS-G3-08 Datasheet HTML 4Page - Vishay Siliconix SD103AWS-G3-08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SD103AWS-G, SD103BWS-G, SD103CWS-G
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 21-Nov-13
1
Document Number: 81142
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diodes
MECHANICAL DATA
Case: SOD-323
Weight: approx. 4.0 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box
FEATURES
• The SD103 series is a metal-on-silicon Schottky
barrier device which is protected by a PN
junction guardring
• The low forward voltage drop and fast switching
make it ideal for protection of MOS devices,
steering, biasing, and coupling diodes for fast
switching and low logic level applications
• Other
applications
are
click
suppression,
efficient full wave bridges in telephone subsets,
and blocking diodes in rechargeable low voltage
battery systems
• For general purpose applications
• AEC-Q101 qualified available
• Base P/N-G3 - green, commercial grade
• Base P/N-HG3 - green, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Valid provided that electrodes are kept at ambient temperature
Note
(1) Valid provided that electrodes are kept at ambient temperature
PARTS TABLE
PART
ORDERING CODE
INTERNAL CONSTRUCTION
TYPE MARKING
REMARKS
SD103AWS-G
SD103AWS-G3-08 or SD103AWS-G3-18
Single diode
Z6
Tape and reel
SD103AWS-HG3-08 or SD103AWS-HG3-18
SD103BWS-G
SD103BWS-G3-08 or SD103BWS-G3-18
Single diode
Z7
SD103BWS-HG3-08 or SD103BWS-HG3-18
SD103CWS-G
SD103CWS-G3-08 or SD103CWS-G3-18
Single diode
Z8
SD101CWS-HG3-08 or SD101CWS-HG3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
SD103AWS-G
VRRM
40
V
SD103BWS-G
VRRM
30
V
SD103CWS-G
VRRM
20
V
Forward continuous current (1)
IF
350
mA
Single cycle surge
10 μs square wave
IFSM
2A
Power dissipation (1)
Ptot
200
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
500
K/W
Junction temperature
Tj
125
°C
Operating temperature range
Top
-55 to +125
°C
Storage temperature range
Tstg
-55 to +150
°C


유사한 부품 번호 - SD103AWS-G3-08

제조업체부품명데이터시트상세설명
logo
Sensitron
SD103AWS-G SENSITRON-SD103AWS-G Datasheet
178Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE
More results

유사한 설명 - SD103AWS-G3-08

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com