전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAW8CF2A 데이터시트(PDF) 10 Page - Seoul Semiconductor

부품명 SAW8CF2A
상세설명  Superior High Intensity for High Voltage System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8CF2A 데이터시트(HTML) 10 Page - Seoul Semiconductor

Back Button SAW8CF2A Datasheet HTML 6Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 7Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 8Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 9Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 10Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 11Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 12Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 13Page - Seoul Semiconductor SAW8CF2A Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8CF2A
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
10
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 4. Bin Code description, T
j=25℃, IF=20mA
*Notes :
(1) Calculated performance values are for reference only.
(2) Luminous Intensity values are based on CCT 2700K.
All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
Table 5. Intensity rank distribution
Available ranks
CCT
CIE
IV Rank
6000- 7000K
A
K29
L31
L33
L35
L37
5300- 6000K
B
K29
L31
L33
L35
L37
4700 ~ 5300K
C
K29
L31
L33
L35
L37
4200 ~ 4700K
D
K29
L31
L33
L35
L37
3700 ~ 4200K
E
K29
L31
L33
L35
L37
3200 ~ 3700K
F
K29
L31
L33
L35
L37
2900 ~ 3200K
G
K29
L31
L33
L35
L37
2600 ~ 2900K
H
K29
L31
L33
L35
L37
Part
Number
Luminous Flux
(lm) [1]
Luminous
Intensity (cd) [2]
Color
Chromaticity
Coordinate
Typical Forward Voltage
(V)
Bin
Code
Min.
Max.
Min.
Max.
Bin
Code
Min.
Max.
SAW8CF2A
K29
90
95
29.2
30.8
Refer to
Page. 12~19
I1
45.0
46.5
L31
95
101
30.8
32.7
I2
46.5
48.0
L33
101
107
32.7
34.7
I3
48.0
50.0
L35
107
113
34.7
36.6
-
-
-
L37
113
120
36.6
38.9
-
-
-
F,G,H rank
lm/cd
보정
3.086
IV rank
lm
cd
K29
90
95
29.16
30.78
L31
95
101
30.78
32.73
L33
101
107
32.73
34.67
L35
107
113
34.67
36.62
L37
113
120
36.62
38.89
L39
120
127
38.89
41.15


유사한 부품 번호 - SAW8CF2A

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
More results

유사한 설명 - SAW8CF2A

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SAW9C22B-NZ SEOUL-SAW9C22B-NZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW7C22B-IZ SEOUL-SAW7C22B-IZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
   Superior High Intensity for High Voltage System
SAW8C72A SEOUL-SAW8C72A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
   Superior High Intensity for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com