전자부품 데이터시트 검색엔진 |
|
SAW8KG0B 데이터시트(PDF) 1 Page - Seoul Semiconductor |
|
SAW8KG0B 데이터시트(HTML) 1 Page - Seoul Semiconductor |
1 / 31 page MJT 5630-Acrich MJT Product Data Sheet Product Brief Description 제품사진 •아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅 팀에 의뢰 •고해상도 •흰 배경 •표준크기: 제품이 가득 차게 가로 5cm 규격 으로 사각 위치에 맞게 (가로세로 비율 고정) Key Applications Features and Benefits Key Message: - ex) Enabling high flux systems while reduces LED count - ex) Enabling compact systems with high reliability - ex) High reliability and High quality of light - ex) Flicker-free AC/DC LED Solution - ex) High-efficient Dimming Solution Product Family: - ex) Mid-Power LED - ex) High-Power LED for Automotive - ex) Chip on Board Product ID (part number): - ex) STW8C2SA - ex) SZ5-M0-WN-C8 Description • Features and Benefits • Key Applications • •표는 반드시 “Table 번호#. 표 설명” 을 제목으로 한다. www.seoulsemicon.com 1 Font 글씨체 표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body) – Arial 9pt 승인원 아이콘 삽입 Rev7.0 Superior high Flux for High Voltage System SAW8KG0B (Cool, Neutral, Warm) Acrich MJT – 5630 Series • This surface-mount LED comes in standard package dimension. Package Size : 5.6x 3.0x 0.75mm • It has a substrate made up of a molded plastic reflector sitting on top of a bent lead frame. • The die is attached within the reflector cavity and the cavity is encapsulated by silicone. • The package design coupled with careful selection of component materials allow these products to perform with high reliability. • Interior lighting • General lighting • Indoor and out door displays • Architectural / Decorative lighting Part Number CCT Color Min. Typ. Max. SAW8KG0B Cool White 4700K 5600K 7000K SAW8KG0B Neutral White 3700K 4200K 4700K SAW8KG0B Warm White 2600K 3000K 3700K Table 1. Product Selection Table TV, PC, NB, MNT, Mobile Automotive Lighting, MR16, PAR, down light Bulb, LFT Outdoor, streetlight, tunnel, parking Home appliance Architectural, Entertainment Sign, Channel Sensor, Torch Application 응용제품 아이콘 삽입 • White colored SMT package. • Pb-free Reflow Soldering • Suitable for all SMT • Lead Free and RoHS compliant RoHS LM80 LM-80 MacAdam 3-Step RoHS |
유사한 부품 번호 - SAW8KG0B |
|
유사한 설명 - SAW8KG0B |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |