전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT54A-7-F 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 BAT54A-7-F
상세설명  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54A-7-F 데이터시트(HTML) 1 Page - Diodes Incorporated

  BAT54A-7-F Datasheet HTML 1Page - Diodes Incorporated BAT54A-7-F Datasheet HTML 2Page - Diodes Incorporated BAT54A-7-F Datasheet HTML 3Page - Diodes Incorporated BAT54A-7-F Datasheet HTML 4Page - Diodes Incorporated BAT54A-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAT54 /A /C /S
Document number: DS11005 Rev. 31 - 2
1 of 5
www.diodes.com
October 2013
© Diodes Incorporated
BAT54 /A /C /S
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Product Summary @TA = +25°C
VRRM (V)
IO (mA)
VFmax (V)
IRmax (μA)
30
200
0.8
2
Description
200mA surface mount Schottky Barrier Diode in SOT23 package,
offers low turn-on voltage and fast switching capability, designed with
PN Junction Guard Ring for Transient and ESD Protection, totally
lead-free finish and RoHS compliant, ”Green” device.
Features and Benefits
Low Turn-on Voltage
Fast Switching
PN Junction Guard Ring for Transient and ESD Protection
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
Polarity: See Diagrams Below
Weight: 0.008 grams (approximate)
Top View
BAT54
BAT54A
BAT54C
BAT54S
Ordering Information (Note 4)
Part Number
Compliance
Case
Packaging
BAT54-7-F
Standard
SOT23
3000/Tape & Reel
BAT54A-7-F
Standard
SOT23
3000/Tape & Reel
BAT54C-7-F
Standard
SOT23
3000/Tape & Reel
BAT54S-7-F
Standard
SOT23
3000/Tape & Reel
BAT54Q-7-F
Automotive
SOT23
3000/Tape & Reel
BAT54AQ-7-F
Automotive
SOT23
3000/Tape & Reel
BAT54CQ-7-F
Automotive
SOT23
3000/Tape & Reel
BAT54SQ-7-F
Automotive
SOT23
3000/Tape & Reel
BAT54-13-F
Standard
SOT23
10,000/Tape & Reel
BAT54A-13-F
Standard
SOT23
10,000/Tape & Reel
BAT54Q-13
Automotive
SOT23
10,000/Tape & Reel
BAT54AQ-13
Automotive
SOT23
10,000/Tape & Reel
BAT54SQ-13
Automotive
SOT23
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.


유사한 부품 번호 - BAT54A-7-F

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
262Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 21 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
95Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 25 - 2
More results

유사한 설명 - BAT54A-7-F

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com