전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX5316Q 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 BCX5316Q
상세설명  80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX5316Q 데이터시트(HTML) 6 Page - Diodes Incorporated

  BCX5316Q_15 Datasheet HTML 1Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 2Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 3Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 4Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 5Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 6Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BCX5316Q
Datasheet Number: DS37033 Rev. 2 - 2
6 of 7
www.diodes.com
May 2015
© Diodes Incorporated
BCX5316Q
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
H1
E
H
D1
B
e
c
L
A
D
8° (4X
)
D2
E2
z
L1
R0.2
00
B1
Y4
X2
Y1
X
Y
Y2
Y3
G
C
X1
SOT89
Dim
Min
Max
Typ
A
1.40
 1.60
1.50
B
0.50
0.62
0.56
B1
0.42
0.54
0.48
c
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.62
1.83
1.733
D2
1.61
1.81
1.71
E
2.40
2.60
2.50
E2
2.05
2.35
2.20
e
-
-
1.50
H
3.95
4.25
4.10
H1
2.63
2.93
2.78
L
0.90
1.20
1.05
L1
0.427 REF
Z
0.30 REF
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.500
G
0.244
X
0.580
X1
0.760
X2
1.933
Y
1.730
Y1
3.030
Y2
1.500
Y3
0.770
Y4
4.530


유사한 부품 번호 - BCX5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCX5316QTA DIODES-BCX5316QTA Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
BCX5316QTC DIODES-BCX5316QTC Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
More results

유사한 설명 - BCX5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BSR33 DIODES-BSR33_15 Datasheet
294Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
BSR33 DIODES-BSR33 Datasheet
293Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
November 2013 Rev. 5 - 2
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT89
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
   40V PNP medium power transistor in SOT89
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
   20V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX591 DIODES-FCX591_15 Datasheet
437Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT89
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com