전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX5316Q 데이터시트(PDF) 2 Page - Diodes Incorporated

부품명 BCX5316Q
상세설명  80V PNP MEDIUM POWER TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX5316Q 데이터시트(HTML) 2 Page - Diodes Incorporated

  BCX5316Q_15 Datasheet HTML 1Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 2Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 3Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 4Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 5Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 6Page - Diodes Incorporated BCX5316Q_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BCX5316Q
Datasheet Number: DS37033 Rev. 2 - 2
2 of 7
www.diodes.com
May 2015
© Diodes Incorporated
BCX5316Q
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-100
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-1
A
Peak Pulse Collector Current
ICM
-2
Continuous Base Current
IB
-100
mA
Peak Pulse Base Current
IBM
-200
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
1
W
(Note 7)
1.5
(Note 8)
2.0
Thermal Resistance, Junction to Ambient Air
(Note 6)
RθJA
125
°C/W
(Note 7)
83
(Note 8)
60
Thermal Resistance, Junction to Lead
(Note 9)
RθJL
13
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 10)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
400
V
C
Notes:
6. For a device mounted with the exposed collector pad on 15mm x 15mm 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured
under still air conditions whilst operating in a steady-state.
7. Same as Note 6, except the device is mounted on 25mm x 25mm 1oz copper.
8. Same as Note 6, except the device is mounted on 50mm x 50mm 1oz copper.
9. Thermal resistance from junction to solder-point (on the exposed collector pad).
10. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


유사한 부품 번호 - BCX5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCX5316QTA DIODES-BCX5316QTA Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
BCX5316QTC DIODES-BCX5316QTC Datasheet
316Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR
More results

유사한 설명 - BCX5316Q_15

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BSR33 DIODES-BSR33_15 Datasheet
294Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
BSR33 DIODES-BSR33 Datasheet
293Kb / 7P
   80V PNP MEDIUM POWER TRANSISTOR IN SOT89
November 2013 Rev. 5 - 2
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT89
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
   40V PNP medium power transistor in SOT89
ZXTP19100CZ DIODES-ZXTP19100CZ Datasheet
429Kb / 8P
   100V PNP medium power transistor in SOT89
2DB1386Q DIODES-2DB1386Q_15 Datasheet
267Kb / 6P
   20V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX591 DIODES-FCX591_15 Datasheet
437Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR IN SOT89
FCX593 DIODES-FCX593_15 Datasheet
453Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR IN SOT89
BCX5616Q DIODES-BCX5616Q Datasheet
426Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
November 2020
BCX5616Q DIODES-BCX5616Q_15 Datasheet
505Kb / 7P
   80V NPN MEDIUM POWER TRANSISTORS IN SOT89
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com