전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F00257 데이터시트(PDF) 2 Page - Solid States Devices, Inc

부품명 F00257
상세설명  N-CHANNEL MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SSDI [Solid States Devices, Inc]
홈페이지  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

F00257 데이터시트(HTML) 2 Page - Solid States Devices, Inc

  F00257_15 Datasheet HTML 1Page - Solid States Devices, Inc F00257_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
ELECTRICAL CHARACTERISTICS @ TJ =25
oC (Unless Otherwise Specified)
V
Drain to Source Breakdown Voltage
(VGS =0 V, ID = 250
µA)
-
BVDSS
-
RATING
SYMBOL
MIN
TYP
MAX
UNIT
50
m
Drain to Source on State Resistance
(VGS = 10 V,Tc = 150oC)
RDS(on)
-
-
-
V
Gate Threshold Voltage
(VDS = VGS, ID = 250
µA)
-
VGS(th)
4.0
2
Smho
Forward Transconductance
(VDS > ID(on) X RDS (on) Max, IDS=20 Amps)
35
gfs
-
15
µµµµµA
Zero Gate Voltage Drain Current
(VDS = max rated voltage, VGS = 0 V)
(VDS = 80% rated VDS, VGS = 0V, TA = 125
oC)
-
-
IDSS
-
-
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
-
-
IGSS
100
100
-
-
At rated VGS
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = 10 V
80% rated VDS
Rated ID
Qg
Qgs
Qgd
-
-
-
80
13
40
100
20
55
nsec
Turn on Delay Time
Rise Time
Turn off DelayTime
Fall Time
VDD =50%
rated VDS
rated ID
RG=9.1
td (on)
tr
td (off)
tf
-
-
-
-
20
35
65
40
40
70
130
80
V
1.47
VSD
1.6
-
Diode Reverse Recovery Time
Reverse Recovery Charge
70
40/35
trr
QRR
150
-
TJ =25oC
IF = 10A
di/dt = 100A/
µsec
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS =0 Volts
VDS =25 Volts
f =1 MHz
Ciss
Coss
Crss
-
-
-
2600
700
260
2900
1100
275
pF
nsec
For thermal derating curves and other characteristic curves please contact SSDI Marketing Department.
A
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = 10 V)
-
ID(on)
-
75
Diode Forvard Voltage
(IS = rated ID, VGS = 0V, TJ = 25
oC)
nC
nA
10
100
SFF75N05M
SFF75N05Z
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
NOTES:
1/ Maximum current limited by package, die rated at 75A.
ID=37.5A
ID=75A
ID=37.5A
13
15
19
15
17


유사한 부품 번호 - F00257_15

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
F00257 SSDI-F00257 Datasheet
54Kb / 2P
   N-CHANNEL MOSFET
More results

유사한 설명 - F00257_15

제조업체부품명데이터시트상세설명
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com